Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADLN2000PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLN2000PC
Description  Intel Atom N2600, 1.60 GHz, 3.5 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLN2000PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLN2000PC Datasheet HTML 1Page - ADL Embedded Solutions ADLN2000PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Str. 316 D-57080 Siegen,
ADL Embedded Solutions Inc. 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
CPU
CPU Class
Intel Atom N2600
CPU Option / Performance (G/MHz) / L3 Cache
N2600 / 1.60GHz / 1MB
Max. No. of Cores
2
CPU is 2 cores, 4 threads
Soldered (or Socket Name)
Soldered
Chipset
North Bridge (GMCH)
N2600
GMCH functions incorporated into N2600
South Bridge (ICH)
Intel ICH9M-E
Super IO1
SMSC SCH3114
Hardware monitoring
Memory
Type
SODIMM204-1,5V / DDR3
DDR3 1066MHz
Size max (MB)
2048MB
1024MB / 2048MB
Graphic
Controller
CPU integrated
Intel GMA 3650, 400MHz
CRT
Yes
1920x1200 max.
DVI / HDMI / DisplayPort
Yes
DisplayPort 1600 x 1200; HDMI/DVI-D 1920 x 1200
HDMI or DVI-D is cabling option
LCD LVDS 18/24/36/48
18 Bit supported
1366 x 768 max res - LVDS
BIOS
Power Management APM/ACPI
APM/ACPI
Power States : S0/S1/S4/S5
Hardware Monitoring
ADL-SST API
Audio
Controller and Codec
ICH9M-E / Realtek ALC889 (HDA)
2/6/8 channel support
LAN
LAN1 Controller
Intel ICH9M-E / 567 Phy
10/100/1000 Mbit, RPL/PXE/WOL support
LAN2 Controller
Intel 82574L
10/100/1000 Mbit, RPL/PXE/WOL support
Buses
PCIe x1 / x4 / x16
PCIe/104 Type 2 interface (PCIe v1.1, 2.5GT/s)
Type 2 connector includes X2 USB, X2 SATA, x1 LPC
Specials/Options
PCIe Mini V1.2
Optional - Requires one x1 PCIe lane
292530
SATA Interfaces
SATA Channels
2 (SATA 3G)
2 additional ports on the PCIe/104 connector
RAID 0/1 (5 and 10 also available when all 4 ports used)
USB Interfaces
USB-Channels
8 - Supports USB 1.1/2.0/Host
2 additional ports on PCIe/104, 1 additional on PCIE mini
socket
Boot options: HD/FDD/CDROM/FD/ZIP
Interfaces
COM1&2: TTL/RS232/RS485/RS422
RS232
PS/2 Keyboard/Mouse
Yes
Watchdog
Yes
Specials/Options
16-Bit GPIO
Discrete port
Power Supply
Supply Voltage
5V, 12V, 5V-SUS
Can be configured for 5V only with certain requirements -
Contact your Sales Engineer
Power Consumption (typical*)
Less than 10W
Contact your Sales Engineer for more information on “typical”
configuration
Cooling
passive / active
Operating Temperature (ambient)
-25 to 70 °C
ADL Embedded Solutions thermal solution recommended
Extended Temperature
-40 to 85º C
Requires ADL-ET and Approved Thermal solution
Storage Temp.
-40 to 85 °C
Dimensions
3.6” x 3.8” (90mm x 96mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com