Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT41X Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT41X
Description  ActivePSR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT41X Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT41X Datasheet HTML 1Page - Active-Semi, Inc ACT41X Datasheet HTML 2Page - Active-Semi, Inc ACT41X Datasheet HTML 3Page - Active-Semi, Inc ACT41X Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePSR
TM is a trademark of Active-Semi.
ActivePSR
TM Quasi-Resonant PWM Controller
FEATURES
Patented Primary Side Regulation
Technology
Quasi-Resonant Operation
Adjustable up to 120kHz Switching
Frequency
+/-5% Output Voltage Regulation
Accurate OCP/OLP Protection
Integrated Output Cord Compensation
Integrated Line and Primary Inductance
Compensation
Built-in Soft-Start Circuit
Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
Current Sense Resistor Short Protection
Transformer Short Winding Protection
100mW Standby Power
Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
Tiny SOT23-6 Packages
APPLICATIONS
AC/DC Adaptors/Chargers for Cell Phones,
ADSL, PDAs, E-books
Adaptors for Portable Media Player, DSCs,
and Other
GENERAL DESCRIPTION
The ACT41X is a high performance peak current
mode PWM controller which applies ActivePSRTM
and ActiveQRTM technology. ACT41X achieves
accurate voltage regulation without the need of an
opto-coupler or reference device.
The ACT41X is designed to achieve less than
100mW Standby Power. By applying frequency fold
back and
ActiveQR
TM
technology,
ACT41X
exceeds the latest ES2.0 efficiency standard.
ACT41X integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop
and overload conditions, it would enter auto restart
mode including cycle-by-cycle current limiting.
ACT41X is to achieve no overshoot and very short
rise time even with big capacitive load (4000µF)
with the built-in fast and soft start process, .
The Quasi-Resonant (QR) operation mode can
effectively improve efficiency, reduce the EMI noise
and further reduce the components in input filter.
ACT41X is idea for application up to 36 Watt.
Figure 1:
Simplified Application Circuit
ACT41X
Product Brief, 06-Dec-12


Similar Part No. - ACT41X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT410 ACTIVE-SEMI-ACT410 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
logo
Qorvo, Inc
ACT41000 QORVO-ACT41000 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-101 QORVO-ACT41000-101 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-102 QORVO-ACT41000-102 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-103 QORVO-ACT41000-103 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
More results

Similar Description - ACT41X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com