Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD573 Datasheet(PDF) 3 Page - Analog Devices

Part # AD573
Description  10-Bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD573 Datasheet(HTML) 3 Page - Analog Devices

  AD573 Datasheet HTML 1Page - Analog Devices AD573 Datasheet HTML 2Page - Analog Devices AD573 Datasheet HTML 3Page - Analog Devices AD573 Datasheet HTML 4Page - Analog Devices AD573 Datasheet HTML 5Page - Analog Devices AD573 Datasheet HTML 6Page - Analog Devices AD573 Datasheet HTML 7Page - Analog Devices AD573 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD573
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
V+ to Digital Common . . . . . . . . . . . . . . . . . . . . . 0 V to +7 V
V– to Digital Common . . . . . . . . . . . . . . . . . . . 0 V to –16.5 V
Analog Common to Digital Common . . . . . . . . . . . . . . .
±1 V
Analog Input to Analog Common . . . . . . . . . . . . . . . . .
±15 V
Control Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to V+
Digital Outputs (High Impedance State) . . . . . . . . . . 0 V to V+
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800 mW
ORDERING GUIDE
1
Temperature
Relative
Model
Package Option
2
Range
Accuracy
AD573JN
20-Pin Plastic DIP (N-20)
0
°C to +70°C
±1 LSB max
AD573KN
20-Pin Plastic DIP (N-20)
0
°C to +70°C
±1/2 LSB max
AD573JP
20-Pin Leaded Chip Carrier (P-20A)
0
°C to +70°C
±1 LSB max
AD573KP
20-Pin Leaded Chip Carrier (P-20A)
0
°C to +70°C
±1/2 LSB max
AD573JD
20-Pin Ceramic DIP (D-20)
0
°C to +70°C
±1 LSB max
AD573KD
20-Pin Ceramic DIP (D-20)
0
°C to +70°C
±1/2 LSB max
AD573 SD
20-Pin Ceramic DIP (D-20)
–55
°C to +125°C
±1 LSB max
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to Analog Devices Military
Products Databook.
2D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier.
FUNCTIONAL DESCRIPTION
A block diagram of the AD573 is shown in Figure 1. The posi-
tive CONVERT pulse must be at least 500 ns wide. DR goes
high within 1.5
µs after the leading edge of the convert pulse
indicating that the internal logic has been reset. The negative
edge of the CONVERT pulse initiates the conversion. The in-
ternal 10-bit current output DAC is sequenced by the integrated
injection logic (I
2L) successive approximation register (SAR)
from its most significant bit to least significant bit to provide an
output current which accurately balances the input signal cur-
rent through the 5 k
Ω resistor. The comparator determines
whether the addition of each successively weighted bit current
causes the DAC current sum to be greater or less than the input
current; if the sum is more, the bit is turned off. After testing all
bits, the SAR contains a 10-bit binary code which accurately
represents the input signal to within 1/2 LSB (0.05% of full scale).
The SAR drives DR low to indicate that the conversion is com-
plete and that the data is available to the output buffers. HBE
and LBE can then be activated to enable the upper 8-bit and
lower 2-bit buffers as desired. HBE and LBE should be brought
high prior to the next conversion to place the output buffers in
the high impedance state.
The temperature compensated buried Zener reference provides
the primary voltage reference to the DAC and ensures excellent
stability with both time and temperature. The bipolar offset in-
put controls a switch which allows the positive bipolar offset
current (exactly equal to the value of the MSB less 1/2 LSB) to
be injected into the summing (+) node of the comparator to
offset the DAC output. Thus the nominal 0 V to +10 V unipolar
input range becomes a –5 V to +5 V range. The 5 k
Ω thin-film
input resistor is trimmed so that with a full-scale input signal, an
input current will be generated which exactly matches the DAC
output with all bits on.
BURIED ZENER REF
COMP-
ARATOR
ANALOG
IN
DB9
HIGH
BYTE
10-BIT
CURRENT
OUTPUT
DAC
V+
V–
DIGITAL
COMMON
CONVERT
INT
CLOCK
10-BIT
SAR
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
HBE
LBE
MSB
LSB
LOW
BYTE
ANALOG
COMMON
BIPOLAR
OFFSET
CONTROL
DATA
READY
AD573
5k
Figure 1. Functional Block Diagram
UNIPOLAR CONNECTION
The AD573 contains all the active components required to per-
form a complete A/D conversion. Thus, for many applications,
all that is necessary is connection of the power supplies (+5 V
and –12 V to –15 V), the analog input and the convert pulse.
However, there are some features and special connections which
should be considered for achieving optimum performance. The
functional pinout is shown in Figure 2.
The standard unipolar 0 V to +10 V range is obtained by short-
ing the bipolar offset control pin (Pin 16) to digital common
(Pin 17).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com