Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS1631 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1631
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1631 Datasheet(HTML) 5 Page - Cirrus Logic

  CS1631 Datasheet HTML 1Page - Cirrus Logic CS1631 Datasheet HTML 2Page - Cirrus Logic CS1631 Datasheet HTML 3Page - Cirrus Logic CS1631 Datasheet HTML 4Page - Cirrus Logic CS1631 Datasheet HTML 5Page - Cirrus Logic CS1631 Datasheet HTML 6Page - Cirrus Logic CS1631 Datasheet HTML 7Page - Cirrus Logic CS1631 Datasheet HTML 8Page - Cirrus Logic CS1631 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
CS1630/31
DS954F2
5
2. PIN DESCRIPTION
Pin Name
Pin #
I/O
Description
BSTAUX
1IN
Boost Zero-current Detect — Boost Inductor demagnetization sensing input for
zero-current detection (ZCD) information. The pin is connected to the PFC boost
inductor auxiliary winding through an external resistor divider.
IAC
2IN
Rectifier Voltage Sense — A current proportional to the rectified line voltage is fed
into this pin. The current is measured with an A/D converter.
CLAMP
3OUT
Voltage Clamp Current Source — Connect to a voltage clamp circuit on the output
of the boost stage.
SGND
4PWR
Source Ground — Common reference current return for the SOURCE pin.
SOURCE
5IN
Source Switch — Connected to the source of the boost stage external high-voltage
FET.
SDA
6
I/O
I2C™ Data — I2C data.
SCL
7IN
I2C™ Clock — I2C clock.
NC
8-
No Connection — Leave pin unconnected.
SYNC
9OUT
Second Stage Synchronization — A digital synchronization signal that indicates
which channel the controller is signaling for each gate switching period.
eOTP
10
IN
External Overtemperature Protection — Connect an external NTC thermistor to
this pin, allowing the internal A/D converter to sample the change to NTC resistance.
FBSENSE
11
IN
Second Stage Current Sense — The current flowing in the second stage FET is
sensed across a resistor. The resulting voltage is applied to this pin and digitized for
use by the second stage computational logic to determine the FET's duty cycle.
GND
12
PWR
Ground — Common reference. Current return for both the input signal portion of the
IC and the gate driver.
GD
13
OUT
Gate Driver — Gate drive for the second stage power FET.
VDD
14
PWR
IC Supply Voltage — Connect a storage capacitor to this pin to serve as a reservoir for
operating current for the device, including the gate drive current to the power transistor.
FBAUX
15
IN
Second Stage Zero-current Detect — Second stage inductor sensing input. The
pin is connected to the second stage inductor’s auxiliary winding through an external
resistor divider.
BSTOUT
16
IN
Boost Output Voltage Sense — A current proportional to the boost output is fed
into this pin. The current is measured with an A/D converter.
I2C Clock
Source Switch
Source Ground
Boost Zero-current Detect
Rectifier Voltage Sense
No Connection
SCL
SDA
I2C Data
SOURCE
SGND
BSTAUX
eOTP
FBSENSE
GND
GD
Gate Driver
VDD
IC Supply Voltage
FBAUX
Second Stage Zero-current Detect
BSTOUT
Boost Output Voltage Sense
IAC
CLAMP
Voltage Clamp Current Source
16-lead SOIC
NC
SYNC
7
6
5
4
3
2
1
10
11
12
13
14
15
16
8
9
External Overtemperature Protection
Second Stage Current Sense
Ground
Second Stage Synchronization
Figure 2. CS1630/31 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com