Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD673 Datasheet(PDF) 1 Page - Analog Devices

Part # AD673
Description  8-Bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD673 Datasheet(HTML) 1 Page - Analog Devices

  AD673 Datasheet HTML 1Page - Analog Devices AD673 Datasheet HTML 2Page - Analog Devices AD673 Datasheet HTML 3Page - Analog Devices AD673 Datasheet HTML 4Page - Analog Devices AD673 Datasheet HTML 5Page - Analog Devices AD673 Datasheet HTML 6Page - Analog Devices AD673 Datasheet HTML 7Page - Analog Devices AD673 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
BURIED ZENER REF
COMP-
ARATOR
ANALOG
IN
DB7
VCC
VSS
DIGITAL
COMMON
CONVERT
INT
CLOCK
8-BIT
SAR
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MSB
LSB
ANALOG
COMMON
BIPOLAR
OFFSET
CONTROL
DATA
READY
AD673
5k
DATA
ENABLE
8-BIT
CURRENT
OUTPUT
DAC
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
8-Bit A/D Converter
AD673*
FEATURES
Complete 8-Bit A/D Converter with Reference, Clock
and Comparator
30
s Maximum Conversion Time
Full 8- or 16-Bit Microprocessor Bus Interface
Unipolar and Bipolar Inputs
No Missing Codes Over Temperature
Operates on +5 V and –12 V to –15 V Supplies
MIL-STD-883 Compliant Version Available
GENERAL DESCRIPTION
The AD673 is a complete 8-bit successive approximation
analog-to-digital converter consisting of a DAC, voltage refer-
ence, clock, comparator, successive approximation register
(SAR) and 3-state output buffers—all fabricated on a single
chip. No external components are required to perform a full ac-
curacy 8-bit conversion in 20
µs.
The AD673 incorporates advanced integrated circuit design and
processing technologies. The successive approximation function
is implemented with I
2L (integrated injection logic). Laser trim-
ming of the high stability SiCr thin-film resistor ladder network
insures high accuracy, which is maintained with a temperature
compensated sub-surface Zener reference.
Operating on supplies of +5 V and –12 V to –15 V, the AD673
will accept analog inputs of 0 V to +10 V or –5 V to +5 V. The
trailing edge of a positive pulse on the CONVERT line initiates
the 20
µs conversion cycle. DATA READY indicates comple-
tion of the conversion.
The AD673 is available in two versions. The AD673J as speci-
fied over the 0
°C to +70°C temperature range and the AD673S
guarantees
±1/2 LSB relative accuracy and no missing codes
from –55
°C to +125°C.
Two package configurations are offered. All versions are also of-
fered in a 20-pin hermetically sealed ceramic DIP. The AD673J
is also available in a 20-pin plastic DIP.
*Protected by U.S. Patent Nos. 3,940,760; 4,213,806; 4,136,349; 4,400,689;
and 4,400,690.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The AD673 is a complete 8-bit A/D converter. No external
components are required to perform a conversion.
2. The AD673 interfaces to many popular microprocessors
without external buffers or peripheral interface adapters.
3. The device offers true 8-bit accuracy and exhibits no missing
codes over its entire operating temperature range.
4. The AD673 adapts to either unipolar (0 V to +10 V) or
bipolar (–5 V to +5 V) analog inputs by simply grounding or
opening a single pin.
5. Performance is guaranteed with +5 V and –12 V or –15 V
supplies.
6. The AD673 is available in a version compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD673/883B data sheet for detailed
specifications.


Similar Part No. - AD673

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD673 AD-AD673 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JD AD-AD673JD Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JN AD-AD673JN Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JP AD-AD673JP Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673SD AD-AD673SD Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results

Similar Description - AD673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
NXP Semiconductors
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com