Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC24FJ128GA310 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 21
PIC24FJ128GA310 FAMILY
PGEC1
15
19
24
K1
I/O
ST
In-Circuit Debugger/Emulator/ICSP™ Programming
Clock.
PGED1
16
20
25
K2
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming
Data.
PGEC2
17
21
26
L1
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming
Clock.
PGED2
18
22
27
J3
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming
Data.
PGEC3
11
15
20
H1
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming
Clock.
PGED3
12
16
21
H2
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming
Data.
PMA0
30
36
44
L8
I/O
ST
Parallel Master Port Address Bit 0 Input (Buffered
Slave modes) and Output (Master modes).
PMA1
29
35
43
K7
I/O
ST
Parallel Master Port Address Bit 1 Input (Buffered
Slave modes) and Output (Master modes).
PMA2
8
10
14
F3
O
—
Parallel Master Port Address (bits<22:2>).
PMA3
6
8
12
F2
O
—
PMA4
5
7
11
F4
O
—
PMA5
4
6
10
E3
O
—
PMA6
16
24
29
K3
O
—
PMA7
22
23
28
L2
O
—
PMA8
32
40
50
L11
O
—
PMA9
31
39
49
L10
O
—
PMA10
283442L7
O
—
PMA11
27
33
41
J7
O
—
PMA12
24
30
35
J5
O
—
PMA13
232934L5
O
—
PMA14
45
57
71
C11
O
—
PMA15
44
56
70
D11
O
—
PMA16
—
—
95
C4
O
—
PMA17
—
—
92
B5
O
—
PMA18
—
—
40
K6
O
—
PMA19
—
14
19
G2
O
—
PMA20
—
—
59
G10
O
—
PMA21
—
—
60
G11
O
—
PMA22
—
52
66
E11
O
—
PMACK1
50
62
77
A10
I
ST/TTL Parallel Master Port Acknowledge Input 1.
PMACK2
43
55
69
E10
I
ST/TTL Parallel Master Port Acknowledge Input 2.
PMBE0
51
63
78
B9
O
—
Parallel Master Port Byte Enable 0 Strobe.
PMBE1
—
53
67
E8
O
—
Parallel Master Port Byte Enable 1 Strobe.
PMCS1
—
13
18
G1
I/O
ST/TTL Parallel Master Port Chip Select 1 Strobe.
PMCS2
—
—
9
E1
O
—
Parallel Master Port Chip Select 2 Strobe.
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com