Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL4120 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 4Page - NXP Semiconductors SSL4120 Datasheet HTML 5Page - NXP Semiconductors SSL4120 Datasheet HTML 6Page - NXP Semiconductors SSL4120 Datasheet HTML 7Page - NXP Semiconductors SSL4120 Datasheet HTML 8Page - NXP Semiconductors SSL4120 Datasheet HTML 9Page - NXP Semiconductors SSL4120 Datasheet HTML 10Page - NXP Semiconductors SSL4120 Datasheet HTML 11Page - NXP Semiconductors SSL4120 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
8 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
• Boost charge state
The PFC controller is switching; the HBC controller is off. The current from the
high-voltage start-up source is large enough to supply the SUPIC pin (current
consumption < Ich(nom)(SUPIC)).
• Operational supply state
Both the PFC and HBC controllers are switching. Current consumption is Ioper(SUPIC).
When the HBC controller is enabled, the switching frequency is initially high and the
HBC MOSFET drivers current consumption is dominant. The stored energy in CSUPIC
supplies the initial SUPIC current before the SUPIC supply source takes over.
The SUPIC pin has a low short-circuit detection voltage (Vscp(SUPIC) =0.65V). The current
dissipated in the HV start-up source is limited while VSUPIC < Vscp(SUPIC) (see
Section 7.2.4).
7.2.2 Regulated supply (SUPREG pin)
The voltage range on the SUPIC pin exceeds that of the external MOSFETs gate
voltages. The SSL4120 contains an integrated series stabilizer for this reason. The series
stabilizer creates an accurate regulated voltage (Vreg(SUPREG) = 10.9 V) at the buffer
capacitor CSUPREG. This stabilized voltage is used to:
• supply the internal PFC driver
Remark: The internal SUPIC pin supply provides most of the external MOSFET charge
current.
• supply the internal low-side HBC driver
• supply the internal high-side driver using external components
• as a reference voltage for optional external circuits
The SUPREG series stabilizer is enabled after CSUPIC has been fully charged. Enabling
the stabilizer after charging CSUPIC ensures any optional external circuitry connected to
SUPREG does not dissipate any of the start-up current.
To ensure that the external MOSFETs receive sufficient gate drive current, the voltage on
the SUPREG pin must reach Vstart(SUPREG). In addition, the voltage on the SUPIC pin must
reach the start level. The IC starts operating when both voltages reach their start levels.
SUPREG is provided with undervoltage protection (UVP-SUPREG; see Section 7.9).
When VSUPREG <Vuvp(SUPREG) = 10.3 V, two events are triggered:
• The IC stops operating to prevent unreliable switching because the gate driver voltage
is too low. The PFC controller stops switching immediately but the HBC controller
continues until the low-side stroke is active.
• The maximum current from the internal SUPREG series stabilizer is reduced to
Ich(red)(SUPREG) = 5.4 mA. This feature reduces the dissipation in the series stabilizer
when an overload occurs at the SUPREG pin while the SUPIC pin is supplied from an
external DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com