Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD813 Datasheet(PDF) 18 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices AD813 Datasheet HTML 17Page - Analog Devices AD813 Datasheet HTML 18Page - Analog Devices AD813 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD813
REV. B
–18–
Single Supply Differential Line Driver
Due to its outstanding overall performance on low supply volt-
ages, the AD813 makes possible exceptional differential trans-
mission on very low power. The circuit of Figure 59 will convert
a single-ended, ground referenced signal to a differential signal
whose common-mode reference is set to one half the supply
voltage. This allows for a greater than 2 V peak-to-peak signal
swing on a single 3 V power supply. A bandwidth over 30 MHz
is achieved with 20 mA of output drive on only 30 mW of quies-
cent power (excluding load current).
+3V
715
715
1 F
2
11
1 F
715
715
3
715
715
1 F
VIN
715
715
RL2
VOUT–
1
4
715
10k
9k
1k
+3V
1 F
RL1
VOUT+
Figure 59. Single 3 V Supply Differential Line Driver
with 2 V Swing
10
90
100
0%
1V
1V
50ns
VIN
VOUT+ – VOUT–
Figure 60. Differential Driver Pulse Response (VS = 3 V,
RL1 = RL2 = 200 Ω)
3:1 Video Multiplexer
Wiring the amplifier outputs together will form a 3:1 mux with
outstanding gain flatness. Figure 55 shows a recommended
configuration which results in –0.1 dB bandwidth of 20 MHz
and OFF channel isolation of 60 dB at 10 MHz on
±5 V sup-
plies. The time to switch between channels is about 180 ns.
Switching time is only slightly affected by signal level.
10
90
100
0%
5V
500mV
500ns
Figure 56. Channel Switching Characteristic for the
3:1 Mux
100k
1M
100M
10M
FREQUENCY – Hz
–50
–30
–40
–60
–70
–80
–90
–20
–10
–100
–110
Figure 57. 3:1 Mux OFF Channel Feedthrough vs.
Frequency
1
10
100
FREQUENCY – MHz
–0.5
–3.0
0.5
0
–1.0
–1.5
–2.0
–2.5
0
–45
–90
–135
–180
GAIN
PHASE
Figure 58. 3:1 Mux ON Channel Gain and Phase vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com