Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33186 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33186_11 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33186_11 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33186
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 29. Thermal Test Board
Device on Thermal Test Board
Table 7. Thermal Resistance Performance
RθJA is the thermal resistance between die junction and
ambient air.
A
33186DH1 Pin Connections
20-Pin HSOP-EP
1.6 mm Pitch
16.0 mm x 11.0 mm Body
12.3 x 7.1 mm exposed pad
NC
AGND
IN2
DI1
CP
VBAT
OUT2
OUT2
DI2
PGND
PGND
SF
VBAT
OUT1
OUT1
COD
PGND
PGND
IN1
VBAT
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for
thermal testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
A [mm2]RθJA [°C/W]
070
300
49
600
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com