Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD841 Datasheet(PDF) 2 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 2 Page - Analog Devices

  AD841 Datasheet HTML 1Page - Analog Devices AD841 Datasheet HTML 2Page - Analog Devices AD841 Datasheet HTML 3Page - Analog Devices AD841 Datasheet HTML 4Page - Analog Devices AD841 Datasheet HTML 5Page - Analog Devices AD841 Datasheet HTML 6Page - Analog Devices AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD841–SPECIFICATIONS
Model
AD841J
AD841K
AD841S
1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
2
0.8
2.0
0.5
1.0
0.5
2.0
mV
TMIN–TMAX
5.0
3.3
5.5
mV
Offset Drift
35
35
35
µV/°C
INPUT BIAS CURRENT
3.5
8
3.5
5
3.5
8
µA
TMIN–TMAX
10
612
µA
Input Offset Current
0.1
0.4
0.1
0.2
0.1
0.4
µA
TMIN–TMAX
0.5
0.3
0.6
µA
INPUT CHARACTERISTICS
Differential Mode
Input Resistance
200
200
200
k
Ω
Input Capacitance
2
2
2
pF
INPUT VOLTAGE RANGE
Common Mode
10
12
10
12
10
12
V
Common-Mode Rejection
VCM = ± 10 V
86
100
103
109
86
110
dB
TMIN–TMAX
80
100
80
dB
INPUT VOLTAGE NOISE
f = 1 kHz
15
15
15
nV/
√Hz
Wideband Noise
10 Hz to 10 MHz
47
47
47
µV rms
OPEN-LOOP GAIN
VO = ± 10 V
RLOAD ≥ 500 Ω
25
45
25
45
25
45
V/mV
TMIN–TMAX
12
20
12
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 500 Ω
TMIN–TMAX
±10
±10
±10
V
Current
VOUT = ± 10 V
50
50
50
mA
OUTPUT RESISTANCE
Open Loop
5
5
5
Ω
FREQUENCY RESPONSE
Unity Gain Bandwidth
VOUT = 90 mV p-p
40
40
40
MHz
Full Power Bandwidth
3
VO = 20 V p-p
RLOAD
≥ 500 Ω
3.1
4.7
3.1
4.7
3.1
4.7
MHz
Rise Time
4
AV = –1
10
10
10
ns
Overshoot
4
AV = –1
10
10
10
%
Slew Rate
4
AV = –1
200
300
200
300
200
300
V/
µs
Settling Time – 10 V Step
AV = –1
to 0.1%
90
00
90
ns
to 0.01%
110
110
110
ns
OVERDRIVE RECOVERY
–Overdrive
200
200
200
ns
+Overdrive
700
700
700
ns
DIFFERENTIAL GAIN
f = 4.4 MHz
0.03
0.03
0.03
%
Differential Phase
f = 4.4 MHz
0.022
0.022
0.022
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
±5
±18
±5
±18
±5
±18
V
Quiescent Current
11
12
11
12
11
12
mA
TMIN–TMAX
14
14
16
mA
Power Supply Rejection Ratio
VS =
±5 V to ±18 V
86
100
90
100
86
100
dB
TMIN–TMAX
80
86
80
dB
TEMPERATURE RANGE
Rated Performance
5
0
+75
0
+75
–55
+125
°C
PACKAGE OPTIONS
LCC (E-20A)
AD841SE, AD841SE/883B
Cerdip (Q-14)
AD841JQ
AD841KQ
AD841SQ, AD841SQ/883B
Plastic (N-14)
AD841JN
AD841KN
TO-8 (H-12)
AD841JH
AD841KH
AD841SH, AD841SH/883B
Chips
AD841J CHIPS
AD841S CHIPS
NOTES
1Standard Military Drawing Available: 5962-89641012A – (SE/883B); 5962-8964101CA – (SQ/883B).
2Input offset voltage specifications are guaranteed after 5 minutes at T
A = +25
°C.
3Full power bandwidth = Slew Rate/2
π V
PEAK.
3Refer to Figure 19.
4“S” grade T
MIN–TMAX specifications are tested with automatic test equipment at T A = –55
°C and T
A = +125
°C.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units.
Specifications subject to change without notice.
REV. B
–2–
(@ +25 C and
15 V dc, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com