Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3P Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PE3P
Description  3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PE3P Datasheet HTML 1Page - PowerDynamics, Inc PE3P Datasheet HTML 2Page - PowerDynamics, Inc PE3P Datasheet HTML 3Page - PowerDynamics, Inc PE3P Datasheet HTML 4Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Non-Medical Applications
SCHEMATIC 1; CASE G2, G3
PE3P Series
Non-Medical Applications
SCHEMATIC 2; CASE G2, G3, G4
Insertion loss in dB (50 Ohm circuit)
Non-Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
PDI
R
Cx
Cy
L
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(uH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P10PS-2-G2
2.3
49
70
70
65
40
26
37
42
47
52
47
31
PE3P20PS-2-G2
0.22
0.5
45
65
65
60
30
15
32
37
42
47
45
28
PE3P30PS-2-G2
470K
3300
0.5
35
42
51
48
52
32
29
35
39
42
39
26
PE3P40PS-2-G3
0.47
1.1
32
28
36
42
47
23
31
37
42
46
41
25
PE3P50PS-2-G3
0.68
0.6
32
37
45
47
38
21
27
33
39
44
38
21
PE3P75PS-2-G4
1.00
0.4
28
33
43
52
43
26
31
35
44
52
47
19
PE3P100PS-2-G4
2.20
0.3
29
46
57
53
45
28
29
34
47
51
46
22
L1
L1
C 2
L'1
L'2
L'3
Cy
Cy
Cy
C 2
C 2
C1
R
C1
R
C1
R
L1
L2
L3
E
C1
R
C1
R
L1
L1
L'1
L'2
L'3
C1
R
Cy
Cy
Cy
L1
L2
L3
E
TECHNICAL DATA
Rated Voltage: 250/500VAC
Rated Current: 10A, 20A, 30A, 40A, 50A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 250VAC, 50/60Hz: 0.9mA
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
TECHNICAL DATA
Rated Voltage: 500VAC
Rated Current: 10A, 20A, 30A, 40A, 50A, 75A, 100A
Power Line Frequency: 60Hz
Max. Leakage Current each
Line to Ground:
@ 250VAC, 60Hz: 2mA
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
Current
Rating (A)
10
20
30
40
50
Current
Rating (A)
10
20
30
40
50
75
100
PDI
R
Cx
Cy
L
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(uH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P10PS-1-G2
2.3
27
42
42
43
41
36
16
28
41
41 46
42
PE3P20PS-1-G2
0.22
0.5
16
27
30
40
46
37
16
26
29
52 55
42
PE3P30PS-1-G2
680K
4700
0.5
12
27
27
35
31
20
16
25
36
37 37
42
PE3P40PS-1-G3
0.47
1.1
20
31
32
36
29
36
20
30
36
46 52
37
PE3P50PS-1-G3
0.68
0.6
17
30
30
37
40
36
22
32
36
40 46
46
50
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com