Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3P4W Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PE3P4W
Description  3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P4W Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PE3P4W Datasheet HTML 1Page - PowerDynamics, Inc PE3P4W Datasheet HTML 2Page - PowerDynamics, Inc PE3P4W Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Non-Medical Applications
SCHEMATIC 1; CASE G2A
PE3P4W Series
Non-Medical Applications
SCHEMATIC 2; CASE G3A
Insertion loss in dB (50 Ohm circuit)
Non-Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
TECHNICAL DATA
Rated Voltage: 500VAC
Rated Current: 10A, 20A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 1mA (10A)
@ 500VAC, 60Hz: 4mA (20A)
Hipot Rating (one minute)
Line to Ground: 2250VDC
Temperature Range: -25C to +50C
TECHNICAL DATA
Rated Voltage: 500VAC
Rated Current: 20A, 30A, 60A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 7.5mA
Hipot Rating (one minute)
Line to Ground: 2250VDC
Temperature Range: -25C to +50C
E
L1
L2
L3
N
L
L
L
Cx
Cx
Cx
Cy
L'1
L'2
N'
L'3
L1
L2
L3
N
L'1
L'2
L'4
L'3
L1
L1
L1
C1
R
C1
R
R
C1
E
Lg
Cy
Cy
Cy
Cy
Cy
Cy
Cy
Cy
C2
C2
C2
PDI
Cx
Cy
L
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(uF)
(pF)
(mH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P4W-10PS-1-G2A
0.1
4700
0.2
12
22
22
22
32
27
12
16
22
37
42
27
PE3P4W-20PS-1-G2A
22000
0.12
12
22
27
27
32
32
12
17
22
22
27
22
Current
Rating (A)
10
20
Current
Rating (A)
20
30
60
PDI
Cx1
Cx2
Cy
L
R
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(uF)
(uF)
(pF)
(mH x 2) (Ohms)
.15 .5
1
5
10
30
.15
.5
1
5
10
30
PE3P4W-20PS-2-G3A
3.2
39 55
56 65 65
54
50
65 65 65
60
52
PE3P4W-30PS-2-G3A
2
1
4700
1.6
110K
30 55
55 61 63
60
43
65 66 65
58
49
PE3P4W-60PS-2-G3A
0.32
22 50
50 54 54
47
27
60 64 64
56
50
56
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com