Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PEA Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PEA
Description  CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEA Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PEA Datasheet HTML 1Page - PowerDynamics, Inc PEA Datasheet HTML 2Page - PowerDynamics, Inc PEA Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEA Series Example & Ordering Code
COMPONENT LOCATIONS:
- 1C
SCHEMATIC
MEDICAL
SCHEMATIC
ATTENUATION CODE TABLE:
1M
= 1
= 1M
STANDARD TYPE
WITHOUT C(Y); C(X) ONLY
1
Medical applications: Select the Attenuation Code with corresponding component values and case code.
Non-Medical applications: Select the Attenuation Code with corresponding component values and case code.
Case
Cx1,2
Cy
Inductance Per Current Rating (mH)
Code
(µF)
(pF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A2
0.22
3300
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A2
0.1
3300
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A3
0.22
3300
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
3300
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.22
3300
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
3300
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.22
3300
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
0.1
3300
*
*
*
*
*
4.0
3.0
2.0
0.5
CURRENT RATING (A):
= 01
= 02
= 03
= 05
= 06
= 10
= 15
= 20
= 30
OPTIONS:
= 00
= 50
NO BLEEDER RESISTOR
BLEEDER RESISTOR (1W, 2.2M)
PEA 01 Q - 50
C1
G
L mH
L mH
L
N
L
L'
N'
C2
R
L mH
L mH
L
C
L'
N'
Cy
Cy
2
C1
G
L
N
R
Case
Cx1,2
Inductance Per Current Rating (mH)
Code
(µF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A2
0.22
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A2
0.1
10.0
2.5
1.2
1.0
0.8
1.2
0.9
0.5
*
A3
0.22
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.22
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.22
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
0.1
*
*
*
*
*
4.0
3.0
2.0
0.5
* Contact PDI
Q or PS option only
TERMINAL:
= Q
= PS
= W
QUICK CONNECT
SCREW
WIRE
6.3/0.25
UL 1015, 18AWG
STRANDED, 4”
2.0 -3.6L
8.6
15.7
M4-19.5
= A
= B
= C
= D
= E
= F
= G
= H
= M0
= M1
= M2
= M3
= M4
= M5
= M6
= M7
34
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com