Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ES9008 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9008
Description  Highest Performance Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9008 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9008 Datasheet HTML 1Page - ESS Technology,Inc ES9008 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
Highest Performance Audio DAC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1098
Reference / Premier Series
CexC
FEATURE
BENEFIT
Patented HyperStream™ Architecture
Reference
Premier
DNR (dB)
Up to 134
120
THD+N (dB)
-118
-102
Unprecedented dynamic range and low distortion allowing true
reproduction of audio as it is mastered at recording studio
Patented Time Domain Jitter Reduction
Unmatched audio clarity free from input clock jitter allowing
simple system design and layout
48-bit accumulator / 28-bit processing (Reference)
48-bit accumulator / 25-bit processing (Ultra)
Distortion free signal processing
Auto-detect PCM/ DSD converter
Universal (e.g. DVD/SACD) audio playback
8-channel DAC in 64-LQFP or 48LQFP
Reduces PCB footprint and simplifies board layout
Low power (100mW for 8 channels)
Simplifies power supply design
Customizable output configuration
Mono, stereo, 4 or 8-channel output in current or voltage mode
based on performance criterion
Universal digital input
All-digital SPDIF (Reference only), PCM (I2S, MSB/LSB
justified 16, 20 or 24-bit) or DSD input
Integrated DSP functions
Click-free soft mute and volume control
Programmable filter characteristics for PCM/DSD
Programmable Zero detect
De-emphasis for 32, 44.1 and 48kHz sampling
The SABRE Highest Performance Audio DAC Series is the world’s first 8-channel audio DAC solution to bring true
professional digital audio to the mass consumer home entertainment market.
Part
Number
Description
Package
DNR (dB)
THD
(dB)
I2S or
SPDIF
Input
DSD
Input
Jitter
Reduction
Power (mW)
ES9008S
SABRE Reference
Audio DAC
64LQFP
134 (Mono)
128 (8ch)
-118
100 @ 8ch
ES9006S
SABRE Premier
Audio DAC
48LQFP
120
-102
100 @ 8ch
With patented Hyperstream™ architecture and Time Domain Jitter Eliminator, the SABRE Reference Audio DAC
outperforms the best audiophile equipment with unprecedented 134dB DNR and -118dB THD+N, delivering true studio
quality audio to digital audio applications such as Blu-ray, SACD, DVD-Audio, DVD, CD, home theatre, set top boxes
and digital TV.
The SABRE Audio DAC sets a new standard for high quality audio performance in a cost effective, compact, easy to
use form factor for today’s most demanding digital audio applications.


Similar Part No. - ES9008

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
Premier Stereo Mobile Audio DAC
ES9012 ESS-ES9012 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9012 ESS-ES9012 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9012S ESS-ES9012S Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
More results

Similar Description - ES9008

ManufacturerPart #DatasheetDescription
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
USB Audio DAC
logo
Agilent(Hewlett-Packard...
N1080A HP-N1080A Datasheet
147Kb / 2P
Highest Performance and Broadest Bandwidth
logo
Honeywell Accelerometer...
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
Highest inertial navigation-grade performance
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
High Performance Stereo Audio DAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com