Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML643RAU251MLZ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # ML643RAU251MLZ
Description  High-Reliability Air Core Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML643RAU251MLZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  ML643RAU251MLZ Datasheet HTML 1Page - Coilcraft lnc. ML643RAU251MLZ Datasheet HTML 2Page - Coilcraft lnc. ML643RAU251MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
AirCoreInductors–ML561RAU, ML615RAU, ML643RAU
Document ML893-3
AIR CORE INDUCTORS
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Document ML893-3 Revised 06/27/12
ML561RAU
ML643RAU
ML615RAU
Enhanced crush resistant Packaging
ML561RAU23N
250/7
″ reel
ML561RAU46N
250/7
″ reel
ML561RAU79N
200/7
″ reel
ML561RAU111
175/7
″ reel
ML561RAU141
150/7
″ reel
Plastic tape: 24 mm wide, 16 mm pocket spacing
ML615RAU22N
450/13
″ reel
ML615RAU42N
400/13
″ reel
ML615RAU66N
350/13
″ reel
ML615RAU90N
300/13
″ reel
ML615RAU111
250/13
″ reel
Plastic tape: 24 mm wide, 20 mm pocket spacing
ML643RAU33N
500/13
″ reel
ML643RAU66N
450/13
″ reel
ML643RAU111
400/13
″ reel
ML643RAU151
350/13
″ reel
ML643RAU201
350/13
″ reel
ML643RAU251
250/13
″ reel
Plastic tape: 44 mm wide, 20 mm pocket spacing
All dimensions are in inches.
mm
0.069
1,75
Height
(See table)
0.100
2,54
0.375
9,53
0.311
7,91
0.394
10,0
max
Dash
number
0.394
10,0
max
0.336 ±0.01
8,55 ±0,25
Recommended
Land Pattern
0.004 / 0,10
Height
Part number
inches
mm
561RAU23N
0.142
3,60
561RAU46N
0.161
4,10
561RAU79N
0.189
4,80
561RAU111
0.220
5,60
561RAU141
0.240
6,10
XXX
X
Internal
code
0.453
11,5
max
0.472
12,0
max
0.357 ±0.040
9,07 ±1,02
Height
(See table)
0.10
2,54
0.004 / 0,10
0.130
3,30
0.355
9,02
0.348
8,84
Recommended
Land Pattern
Height
615RAU42N
0.299
7,60
615RAU66N
0.346
8,80
615RAU90N
0.409
10,4
615RAU111
0.445
11,3
Part number
inches mm
615RAU22N
0.260
6,60
Dash
number
XXX
X
Internal
code
0.770
19,56 max
0.535
13,60 max
Height
(See table)
0.004 / 0,10
0.10
2,54
0.13
3,30
0.10
2,54
0.515
16,08
0.150
3,81
0.410
10,41
0.290
7,37
0.160
4,06
0.185
4,70
0.643
16,33
0.205
5,21
Recommended
Land Pattern
Height
643RAU66N
0.279
7,09
643RAU111
0.327
8,31
643RAU151
0.362
9,19
643RAU201
0.409
10,4
643RAU251
0.449
11,4
Part number
inches mm
643RAU33N
0.236
5,99
XXX
X
Dash
number
Internal
code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com