Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8523 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8523
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8523_12 Datasheet HTML 9Page - NXP Semiconductors PCF8523_12 Datasheet HTML 10Page - NXP Semiconductors PCF8523_12 Datasheet HTML 11Page - NXP Semiconductors PCF8523_12 Datasheet HTML 12Page - NXP Semiconductors PCF8523_12 Datasheet HTML 13Page - NXP Semiconductors PCF8523_12 Datasheet HTML 14Page - NXP Semiconductors PCF8523_12 Datasheet HTML 15Page - NXP Semiconductors PCF8523_12 Datasheet HTML 16Page - NXP Semiconductors PCF8523_12 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
13 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
After reset, the following mode is entered:
32.768 kHz CLKOUT active
24 hour mode is selected
Register Offset is set logic 0
No alarms set
Timers disabled
No interrupts enabled
Battery switch-over is disabled
Battery low detection is disabled
7 pF of internal oscillator capacitor selected
8.4 Interrupt function
Active low interrupt signals are available at pin INT1/CLKOUT and INT2. Pin
INT1/CLKOUT has both functions of INT1 and CLKOUT combined.
INT1 Interrupt output may be sourced from different places:
Second timer
Timer A
Timer B
Alarm
Battery switch-over
Battery low detection
Clock offset correction pulse
INT2 interrupt output is sourced only from timer B:
The control bit TAM (register Tmr_CLKOUT_ctrl) is used to configure whether the
interrupts generated from the second interrupt timer and timer A are pulsed signals or a
permanently active signal. The control bit TBM (register Tmr_CLKOUT_ctrl) is used to
configure whether the interrupt generated from timer B is a pulsed signal or a permanently
active signal. All the other interrupt sources generate a permanently active interrupt
signal, which follows the status of the corresponding flags.
The flags SF, CTAF, CTBF, AF, and BSF can be cleared by using the interface
WTAF is read only. Reading of the register Control_2 (01h) automatically resets
WTAF (WTAF = 0) and clears the interrupt
The flag BLF is read only. It is cleared automatically from the battery low detection
circuit when the battery is replaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com