Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3153 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3153
Description  5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3153 Datasheet(HTML) 2 Page - Analog Devices

  ADP3153 Datasheet HTML 1Page - Analog Devices ADP3153 Datasheet HTML 2Page - Analog Devices ADP3153 Datasheet HTML 3Page - Analog Devices ADP3153 Datasheet HTML 4Page - Analog Devices ADP3153 Datasheet HTML 5Page - Analog Devices ADP3153 Datasheet HTML 6Page - Analog Devices ADP3153 Datasheet HTML 7Page - Analog Devices ADP3153 Datasheet HTML 8Page - Analog Devices ADP3153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADP3153–SPECIFICATIONS (0 C ≤ T
A
≤ +70 C, V
CC = 12 V, VIN = 5 V, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT ACCURACY
1.8 V Output Voltage
VO
With Respect to Nominal
–1.0
1.0
%
2.8 V Output Voltage
Output Voltage (Figure 1)
–1.0
1.0
%
3.5 V Output Voltage
–1.0
1.0
%
OUTPUT VOLTAGE LINE
∆V
O
ILOAD = 10 A (Figure 2)
REGULATION
VIN = 4.75 V to 5.25 V
0.05
%
OUTPUT VOLTAGE LOAD
∆V
O
(Figure 2)
REGULATION
200 mA < ILOAD < 14 A
0.1
%
INPUT DC SUPPLY CURRENT
1
Normal Mode
IQ
VSD = 0.8 V
4.1
5.5
mA
Shutdown
TA = +25°C, VSD = 2.0 V
140
250
µA
CURRENT SENSE THRESHOLD
VOLTAGE
V
11–V10
V
10 Forced to VOUT – 3%
125
145
165
mV
VID PINS THRESHOLD
V20, V1–V4
Low
0.6
V
High
2.0
V
VID PINS INPUT CURRENT
I20, I1–I4
VID = 0 V
110
220
µA
VID0–VID4 PULL-UP RESISTANCE
RVID
20
30
k
Ω
CT PIN DISCHARGE CURRENT
I12
TA = +25°C
VOUT in Regulation
65
µA
VOUT = 0 V
2
10
µA
OFFTIME
tOFF
CT = 150 pF
1.8
2.45
3.2
µs
DRIVER OUTPUT TRANSITION
tR, tF
CL = 7000 pF (Pins 16, 17)
TIMES
TA = +25°C
120
200
ns
POSITIVE POWER GOOD TRIP POINT
V
PWRGD
% Above Output Voltage
5
8
%
NEGATIVE POWER GOOD TRIP POINT
VPWRGD
% Below Output Voltage
–8
–5
%
POWER GOOD RESPONSE TIME
tPWRGD
500
µs
CROWBAR TRIP POINT
VCROWBAR
% Above Output Voltage
9
15
24
%
ERROR AMPLIFIER OUTPUT
IMPEDANCE
ROERR
145
k
Ω
ERROR AMPLIFIER
TRANSCONDUCTANCE
GMERR
2.2
mmho
ERROR AMPLIFIER MINIMUM
OUTPUT VOLTAGE
VCMPMIN
V10 Forced to VOUT + 3%
0.8
V
ERROR AMPLIFIER MAXIMUM
OUTPUT VOLTAGE
VCMPMAX
V10 Forced to VOUT – 3%
2.4
V
ERROR AMPLIFIER BANDWIDTH –3 dB
BWERR
CMP = Open
500
kHz
LINEAR REGULATOR FEEDBACK
CURRENT
I
FB
0.35
1
µA
LINEAR REGULATOR OUTPUT
Figure 2
VOLTAGE
2
V
O2
R
PROG = 35K, R3 = 20K, IO2 = 1 A
3.24
3.30
3.38
V
SHUTDOWN (SD) PIN
Low Threshold
SDL
Part Active
0.6
V
High Threshold
SDH
Part in Shutdown
2.0
V
Input Current
SDIB
10
µA
NOTES
1Dynamic supply current is higher due to the gate charge being delivered to the external MOSFETS.
2The LDO is tested in a V
OUT = 3.3 V configuration with the circuit shown in Figure 2. By selecting a different R PROG value, any output voltage above 1.20 V can
be set.
All limits at temperature extremes are guaranteed via correlation using standard quality control methods.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com