Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC7220K Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7220K
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220K Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7220K Datasheet HTML 1Page - IXYS Corporation CPC7220K Datasheet HTML 2Page - IXYS Corporation CPC7220K Datasheet HTML 3Page - IXYS Corporation CPC7220K Datasheet HTML 4Page - IXYS Corporation CPC7220K Datasheet HTML 5Page - IXYS Corporation CPC7220K Datasheet HTML 6Page - IXYS Corporation CPC7220K Datasheet HTML 7Page - IXYS Corporation CPC7220K Datasheet HTML 8Page - IXYS Corporation CPC7220K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
DS-CPC7220-R00L
PRELIMINARY
1
Features
Processed with BCDMOS on SOI (Silicon On
Insulator)
Flexible High Voltage Supplies up to V
PP-VNN=200V
DC to 10MHz Analog Signal Frequency
-60dB Minimum Output-Off Isolation at 5MHz
Low Quiescent Power Dissipation (< 1
A typical)
Output On-Resistance Typically 20
TTL I/O's for 3.3V Interface
Adjustable High Voltage Supplies
Surface Mount Package
Applications
Ultrasound Imaging
Printers
Industrial Controls and Measurement
Piezoelectric Transducer Drivers
Figure 1. Block Diagram
Description
The CPC7220 is a low charge injection 8-channel
high-voltage analog switch integrated circuit (IC) for
use in applications requiring high voltage switching.
Control of the high voltage switching is via low voltage
TTL logic level compatible inputs for direct connectivity
to the system controller.
Switch manipulation is managed by an 8-bit serial to
parallel shift register whose outputs are buffered and
stored by an 8-bit transparent latch. Level shifters
buffer the latch outputs and operate the high voltage
switches.
Because the CPC7220 is capable of switching high
load voltages and has a flexible load voltage range,
e.g. VPP/VNN : +40V/-160V or +100V/-100V, it is well
suited for many medical and industrial applications
such as medical ultrasound imaging, printers, and
industrial measurement equipment.
Construction of the high voltage switches using IXYS
Integrated Circuits Division's reliable BCDMOS
process technology on SOI (Silicon On Insulator)
allow the switches to be organized as solid state
switches with direct gate drive.
Ordering Information
CLK
D
CL
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
DIN
DOUT
CL
LE
V
NN
V
PP
SR0
SR7
SR1
SR2
SR3
SR4
SR5
SR6
LS0
LS7
LS1
LS2
LS3
LS4
LS5
LS6
L0
L7
L1
L2
L3
L4
L5
L6
LATCHES
SHIFT
REGISTER
SWITCHES
LEVEL
SHIFTERS
Part Number Description
CPC7220W
28-Lead PLCC in Tubes (37/Tube)
CPC7220WTR 28-Lead PLCC Tape & Reel (500/Reel)
CPC7220K
48-Lead LQFP in Trays (250/Tray)
CPC7220KTR
48-Lead LQFP Tape & Reel (2000/Reel)
e3
Pb
CPC7220
Low Charge Injection, 8-Channel
High Voltage Analog Switch


Similar Part No. - CPC7220K

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7220K CLARE-CPC7220K Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220K IXYS-CPC7220K Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220KTR CLARE-CPC7220KTR Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220KTR IXYS-CPC7220KTR Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results

Similar Description - CPC7220K

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com