Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCA125LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA125LS
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA125LS Datasheet(HTML) 1 Page - IXYS Corporation

  LCA125LS Datasheet HTML 1Page - IXYS Corporation LCA125LS Datasheet HTML 2Page - IXYS Corporation LCA125LS Datasheet HTML 3Page - IXYS Corporation LCA125LS Datasheet HTML 4Page - IXYS Corporation LCA125LS Datasheet HTML 5Page - IXYS Corporation LCA125LS Datasheet HTML 6Page - IXYS Corporation LCA125LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA125L-R06
1
LCA125L
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LCA125L
6-Pin DIP (50/Tube)
LCA125LS
6-Pin Surface Mount (50/Tube)
LCA125LSTR
6-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
300
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
20
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook,
Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Current Limiting
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open Devices
Approvals
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1Certified Component:
TUV Certificate: B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
LCA125L is a current-limiting, 300V, 170mA, 20
,
normally open (1-Form-A) solid state relay that uses
optically coupled MOSFET technology to provide
3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCA125L can be used to replace mechanical
relays and offers the superior reliability associated with
semiconductor devices. Because it has no moving
parts, it offers faster, bounce-free switching in a
compact surface mount or thru-hole package.


Similar Part No. - LCA125LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA125LS CLARE-LCA125LS Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCA125LSTR CLARE-LCA125LSTR Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
More results

Similar Description - LCA125LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com