Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCB710 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LCB710
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB710 Datasheet(HTML) 2 Page - IXYS Corporation

  LCB710 Datasheet HTML 1Page - IXYS Corporation LCB710 Datasheet HTML 2Page - IXYS Corporation LCB710 Datasheet HTML 3Page - IXYS Corporation LCB710 Datasheet HTML 4Page - IXYS Corporation LCB710 Datasheet HTML 5Page - IXYS Corporation LCB710 Datasheet HTML 6Page - IXYS Corporation LCB710 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
LCB710
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
AC/DC Configuration, Continuous
I
F=0mA
I
L
--
1
A
rms / ADC
DC Configuration, Continuous
-
-
2
A
DC
Peak
I
F=0mA , t < 10ms
I
LPK
--
±5
A
P
On-Resistance 1
I
F=0mA, IL=1A
-
0.39
0.6
AC/DC Configuration
R
ON
DC Configuration
I
F=0mA, IL=2A
-
0.1
0.2
Switching Speeds
Turn-On
t
on
-
0.63
3
I
F=5mA, VL=10V
ms
Turn-Off
t
off
-
1.5
3
Off-State Leakage Current
I
F=2mA, VL=60V
I
LEAK
--
1
A
Output Capacitance
I
F=2mA, VL=50V, f=1MHz
C
OUT
-
125
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
0.22
2
mA
Input Control Current to Deactivate
-
I
F
0.1
0.21
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Capacitance, Input to Output
-
C
I/O
-3-
pF
1 Measurement taken within 1 second of on-time.
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
ESD Rating, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com