Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCB716S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCB716S
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB716S Datasheet(HTML) 4 Page - IXYS Corporation

  LCB716S Datasheet HTML 1Page - IXYS Corporation LCB716S Datasheet HTML 2Page - IXYS Corporation LCB716S Datasheet HTML 3Page - IXYS Corporation LCB716S Datasheet HTML 4Page - IXYS Corporation LCB716S Datasheet HTML 5Page - IXYS Corporation LCB716S Datasheet HTML 6Page - IXYS Corporation LCB716S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
LCB716
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Maximum Load Current vs. Temperature
(I
F=0mA)
Load Voltage (V)
-1.0 -0.75 -0.5 -0.25 0.0
0.25
0.5
0.75
1.0
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Voltage
vs. Load Current
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
82
84
86
88
90
92
94
Typical Blocking Voltage
vs. Temperature
(I
F=5mA)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1-Form-B Relay
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Typical Leakage vs.Temperature
Measured Across Pins 4&6
(I
F=5mA, VL=60V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com