Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT8024 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation RT8024 Datasheet HTML 10Page - Richtek Technology Corporation RT8024 Datasheet HTML 11Page - Richtek Technology Corporation RT8024 Datasheet HTML 12Page - Richtek Technology Corporation RT8024 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT8024
11
DS8024-02
March 2011
www.richtek.com
}
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8024.
}
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.
Figure 6. EVB Schematic
LX
GND
RT8024
EN
FB
L1
C4
VIN
VOUT
C3
R1
R2
VIN
VIN
4
1
2
3
5
10uF
C1
C2
J1
Suggested Inductors
Suggested Capacitors for CIN and COUT
Component
Supplier
Series
Inductance
(
µH)
DCR
(m
Ω)
Current Rating
(mA)
Dimensions
(mm)
TAIYO YUDEN
NR 3015
2.2
60
1480
3 x 3 x 1.5
TAIYO YUDEN
NR 3015
4.7
120
1020
3 x 3 x 1.5
Sumida
CDRH2D14
2.2
75
1500
4.5 x 3.2 x 1.55
Sumida
CDRH2D14
4.7
135
1000
4.5 x 3.2 x 1.55
GOTREND
GTSD32
2.2
58
1500
3.85 x 3.85 x 1.8
GOTREND
GTSD32
4.7
146
1100
3.85 x 3.85 x 1.8
Component Supplier
Part No.
Capacitance (
µF)
Case Size
TDK
C1608JB0J475M
4.7
0603
TDK
C2012JB0J106M
10
0805
MURATA
GRM188R60J475KE19
4.7
0603
MURATA
GRM219R60J106ME19
10
0805
MURATA
GRM219R60J106KE19
10
0805
TAIYO YUDEN
JMK107BJ475RA
4.7
0603
TAIYO YUDEN
JMK107BJ106MA
10
0603
TAIYO YUDEN
JMK212BJ106RD
10
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com