Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT8063 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8063
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8063 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8063 Datasheet HTML 1Page - Richtek Technology Corporation RT8063 Datasheet HTML 2Page - Richtek Technology Corporation RT8063 Datasheet HTML 3Page - Richtek Technology Corporation RT8063 Datasheet HTML 4Page - Richtek Technology Corporation RT8063 Datasheet HTML 5Page - Richtek Technology Corporation RT8063 Datasheet HTML 6Page - Richtek Technology Corporation RT8063 Datasheet HTML 7Page - Richtek Technology Corporation RT8063 Datasheet HTML 8Page - Richtek Technology Corporation RT8063 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8063
2
DS8063-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
COMP
Error Amplifier Compensation Point. The current comparator threshold increases
with this control voltage. Connect external compensation elements to this pin to
stabilize the control loop.
2,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
3
EN
Enable Control Input. Float or connect this pin to logic high for enable. Connect to
GND for disable.
4
VIN
Power Input Supply. Decouple this pin to GND with a capacitor.
5, 6
LX
Internal Power MOSFET Switches Output. Connect these pins to the inductor
together.
7
RT
Oscillator Resistor Input. Connecting a resistor from this pin to GND sets the
switching frequency. If this pin is floating, the frequency will be set at 2MHz
internally.
8
FB
Feedback. Receives the feedback voltage from a resistive divider connected across
the output.
Typical Application Circuit
Note : Using all Ceramic Capacitors
3
EN
VIN
4
RT8063
VIN
2.7V to 5.5V
RT
7
LX
5, 6
COMP
FB
8
1
GND
2,
9 (Exposed Pad)
ROSC
L
COUT
RCOMP
VOUT
CIN
10µF
CCOMP
R1
R2
Table 1. Recommended Components Selection for fSW = 1MHz
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (pF)
L (
μH)
COUT (μF)
3.3
75
24
33
560
2
22
2.5
51
24
22
560
2
22
1.8
30
24
15
560
1.5
22
1.5
21
24
13
560
1.5
22
1.2
12
24
11
560
1.5
22
1.0
6
24
8.2
560
1.5
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com