Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC8408FS Datasheet(PDF) 14 Page - Analog Devices

Part # DAC8408FS
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FS Datasheet(HTML) 14 Page - Analog Devices

Back Button DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices DAC8408FS Datasheet HTML 10Page - Analog Devices DAC8408FS Datasheet HTML 11Page - Analog Devices DAC8408FS Datasheet HTML 12Page - Analog Devices DAC8408FS Datasheet HTML 13Page - Analog Devices DAC8408FS Datasheet HTML 14Page - Analog Devices DAC8408FS Datasheet HTML 15Page - Analog Devices DAC8408FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DAC8408
–14–
REV. A
Figure 11. A Digitally Programmable, Low-Distortion Sinewave Oscillator
A LOW-DISTORTION, PROGRAMMABLE
SINEWAVE OSCILLATOR
By varying the previous state-variable filter topology slightly,
one can obtain a very low distortion sinewave oscillator with
programmable frequency feature as shown in Figure 11. Again,
DAC B and DAC D in tandem control the oscillating frequency
based on the relationship fC = 1/2
πRC. Positive feedback is
accomplished via the 82.5 k
Ω and the 20 kΩ potentiometer.
The Q of the oscillator is determined by the ratio of 10 k
Ω and
475
Ω in series with the FET transistor, which acts as an auto-
matic gain control variable resistor. The AGC action maintains
a very stable sinewave amplitude at any frequency. Again, only
two ICs accomplish a very useful function.
At the highest frequency setting, the harmonic distortion level
measures 0.016%. As the frequencies drop, distortion also drops
to a low of 0.006%. At the lowest frequency setting, distortion
came back up to a worst case of 0.035%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com