Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3565 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 1 Page - Texas Instruments

  LM3565 Datasheet HTML 1Page - Texas Instruments LM3565 Datasheet HTML 2Page - Texas Instruments LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1 µH
COUT1
10 µF
CIN1
10 µF
PGND
x2
VIN
VLED
x2
SW
x2
TORCH
STROBE
VOUT
x2
ENABLE
SCL
SDA
VBAT
AGND
LM3565
Tx-MASK
COUT2
10 µF
CIN2
100 nF
WLED
WLED
LM3565
www.ti.com
SNVS957 – JANUARY 2013
4MHz, High-Current Flash LED Driver
Check for Samples: LM3565
1
FEATURES
DESCRIPTION
The LM3565 is a 4 MHz fixed-frequency, current
High Efficiency Synchronous Boost Converter
mode synchronous boost converter designed to drive
Drives 2 LEDs in Series with up to 930 mA
two series flash LEDs at 930 mA. A high-voltage
External Strobe Pin for Hardware Enabled
current source allows the LEDs to be terminated to
Flash
the GND plane eliminating the need for an additional
return trace back to the IC.
External Torch Pin for Hardware Enabled
Torch
A dedicated Strobe pin provides a direct interface to
trigger the flash event, while an external Torch pin
Dedicated Transmit Interrupt Pin
provides an additional method for enabling the LEDs
8-Bit ADC for LED Voltage and Input Voltage
in a constant current mode. The LM3565 can
Monitoring
adaptively scale the maximum flash level delivered to
Automatic Diode Current Scale Back
the LEDs based upon the measured input voltage.
PWM Control in Flash and Assist Modes
Multiple protection features are available on the
Fault Detection and Reporting
LM3565 ranging from over-voltage protection to
output short-circuit detection.
400 kHz I2C-Compatible Interface
16-Bump, 1.990 mm x 1.990 mm x 0.6 mm
The LM3565 has four selectable inductor current
limits to help the user select an inductor that is
DSBGA Package (YZR0016AAA)
appropriate for the design.
APPLICATIONS
Camera Phone LED Flash
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3565 TI2-LM3565 Datasheet
890Kb / 35P
4MHz, High-Current Flash LED Driver
JANUARY 2013
LM3565TLE/NOPB TI2-LM3565TLE/NOPB Datasheet
890Kb / 35P
4MHz, High-Current Flash LED Driver
JANUARY 2013
LM3565TLE/NOPB.A TI2-LM3565TLE/NOPB.A Datasheet
890Kb / 35P
4MHz, High-Current Flash LED Driver
JANUARY 2013
LM3565TLX/NOPB TI2-LM3565TLX/NOPB Datasheet
890Kb / 35P
4MHz, High-Current Flash LED Driver
JANUARY 2013
LM3565TLX/NOPB.A TI2-LM3565TLX/NOPB.A Datasheet
890Kb / 35P
4MHz, High-Current Flash LED Driver
JANUARY 2013
More results

Similar Description - LM3565

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
High Current LED Flash Driver Charge Pump IC
3170.2006.11.1.1
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
ams AG
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
2000mA High Current LED Flash Driver
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
logo
ams AG
AS3649 AMSCO-AS3649 Datasheet
3Mb / 39P
2500mA High Current LED Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com