Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-2181 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-2181
Description  ADSP-2100 Family DSP Microcomputers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2181 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-2181 Datasheet HTML 17Page - Analog Devices ADSP-2181 Datasheet HTML 18Page - Analog Devices ADSP-2181 Datasheet HTML 19Page - Analog Devices ADSP-2181 Datasheet HTML 20Page - Analog Devices ADSP-2181 Datasheet HTML 21Page - Analog Devices ADSP-2181 Datasheet HTML 22Page - Analog Devices ADSP-2181 Datasheet HTML 23Page - Analog Devices ADSP-2181 Datasheet HTML 24Page - Analog Devices ADSP-2181 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ADSP-2111–SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
K Grade
B Grade
T Grade
Parameter
Min
Max
Min
Max
Min
Max
Unit
VDD
Supply Voltage
4.50
5.50
4.50
5.50
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
–40
+85
–55
+125
°C
See “Environmental Conditions” for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
3, 5
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage
1, 3
@ VDD = min
0.8
V
VOH
Hi-Level Output Voltage
2, 3, 7
@ VDD = min, IOH = –0.5 mA
2.4
V
@ VDD = min, IOH = –100
µA8
VDD – 0.3
V
VOL
Lo-Level Output Voltage
2, 3, 7
@ VDD = min, IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current
1
@ VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
1
@ VDD = max, VIN = 0V
10
µA
IOZH
Tristate Leakage Curren
4
@ VDD = max, VIN = VDD max
6
10
µA
IOZL
Tristate Leakage Current
4
@ VDD = max, VIN = 0V
6
10
µA
CI
Input Pin Capacitance
1, 8, 9
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
CO
Output Pin Capacitance
4, 8, 9, 10
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
NOTES
1Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0, HSEL, HSIZE, BMODE, HMD0, HMD1, HRD/HRW, HWR/HDS, HA2/ALE, HA1-0.
2Output pins: BG, PMS, DMS, BMS, RD, WR, A0–A13, CLKOUT, DT1, DT0, HACK, FL2-0.
3Bidirectional pins: D0–D23, SCLK1, RFS1, TFS1, SCLK0, RFS0, TFS0, HD0–HD15/HAD0–HAD15.
4Tristatable pins: A0–A13, D0–D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0, SCLK0, RFS0, TFS0, HD0–HD15/HAD0–HAD15.
5Input-only pins: RESET, IRQ2, BR, MMAP, DR1, DR0, HSEL, HSIZE, BMODE, HMD0, HMD1, HRD/HRW, HWR/HDS, HA2/ALE, HA1-0.
6 0 V on BR, CLKIN Active (to force tristate condition).
7Although specified for TTL outputs, all ADSP-2111 outputs are CMOS-compatible and will drive to V
DD and GND, assuming no dc loads.
8Guaranteed but not tested.
9Applies to ADSP-2111 PGA and PQFP packages.
10Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Operating Temperature Range (Ambient) . . . –55ºC to +125ºC
Storage Temperature Range . . . . . . . . . . . . . –65ºC to +150ºC
Lead Temperature (10 sec) PGA . . . . . . . . . . . . . . . . . +300ºC
Lead Temperature (5 sec) PQFP . . . . . . . . . . . . . . . . . +280ºC
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these
or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
ADSP-21xx
REV. B
–21–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com