Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE6127 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6127
Description  Shorting BNC Male With 4 Inch Chain Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6127 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6127 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6127 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting BNC Male With 4 Inch Chain Dust Cap
Shorting BNC Male With 4 Inch Chain Dust Cap
Configuration
Connector
BNC Male Shorting
Chain Option
With 4 In. Chain
Mechanical Specifications
Size
Length, in [mm]
0.6 [15.24]
Width, in [mm]
0.57 [14]
.
Connector
Type
BNC Male Shorting
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-bnc-male-short-cap-with-4-inch-chain-pe6127-p.aspx
Shorting BNC Male With 4 Inch Chain Dust Cap from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
PE6127
PE6127 REV


Similar Part No. - PE6127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
More results

Similar Description - PE6127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
Shorting Dust Cap for BNC Female With 4 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com