Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE9388 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9388
Description  N Male to BNC Female 4 Hole Flange Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9388 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9388 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9388 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9388 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to BNC Female 4 Hole Flange Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
BNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 4
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Size
Length, in [mm]
1.31 [33.27]
Width/Dia., in [mm]
1 [25.4]
Height, in [mm]
1 [25.4]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Male to BNC Female 4 Hole Flange Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to BNC Female 4 Hole Flange Adapter PE9388
PE9388
PE9388 REV


Similar Part No. - PE9388

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
More results

Similar Description - PE9388

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3288 POMONA-3288 Datasheet
27Kb / 1P
Adapter N (Male) To BNC (Female)
logo
Pasternack Enterprises,...
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
4 Hole Flange N Female to BNC Male Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9238 PASTERNACK-PE9238 Datasheet
238Kb / 2P
N Female to BNC Female 4 Hole Flange Adapter
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com