Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX6156LE Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX6156LE
Description  Hot-swap redundant power supply supported
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6156LE Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX6156LE Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6156LE Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
351
AX6156LE
4U 14-slot Rackmount Chassis
Three 5.25" and one 3.5" HDD drive bays
One 12 cm ball-bearing fan (optional two 12 cm fans)
Supports 14-slot backplane or ATX MB
Hot-swap redundant power supply supported
Specifications
Standard Color
Beige
Construction
Heavy-duty steel
Drive Capacitiy
Exposed 3 x 5.25" HDD drive bay and 1 x 3.5" HDD drive bay
Cooling
1 x 12 cm ball-bearing fan (88 CFM/each) with a removable
filter (optional two fans)Front Panel Indicators 1 x power on/
off; 1 x HDD
Front Panel Controls
1 x power on/off; 1 x system reset
Front Panel Connectors
1 x USB, 1x PS/2 5-pin keyboard
Pre-punched Panel
2 x 9-pin; 1 x DIN 5-pin keyboard
System Board
SBCs, ATX MB or IMB series
Expansion Interface
14-slot backplane
Speaker
1 x 0.3W speaker
Operating Temperature
Range
0°C ~ 40°C (32°F ~ 104°F)
Dimensions
484.7 mm (19") (W) x 537.6 mm (21.2") (D) x 176.7 mm (7") (H)
Weight (net/gross)
18 kg (39.68 lb)/19.5 kg (43 lb)
Features
Top view
Top view


Similar Part No. - AX6156LE

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX6156LETB AXIOMTEK-AX6156LETB Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETB AXIOMTEK-AX6156LETB Datasheet
508Kb / 3P
4U 14-slot Rackmount Chassis
2023
AX6156LETBX300 AXIOMTEK-AX6156LETBX300 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETBX300R AXIOMTEK-AX6156LETBX300R Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETBX400 AXIOMTEK-AX6156LETBX400 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
More results

Similar Description - AX6156LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
-48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Sparkle Power Inc.
SPR2C350 SPI-SPR2C350 Datasheet
89Kb / 1P
350 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C520 SPI-SPR2C520 Datasheet
89Kb / 1P
520 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2CA5008 SPI-SPR2CA5008 Datasheet
67Kb / 1P
500 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
Technology Dynamics Inc...
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-6HS-12-750 TECHNOLOGY-NTDM-6HS-12-750 Datasheet
995Kb / 2P
N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com