Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3602 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3602
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 11Page - Linear Technology LTC3602 Datasheet HTML 12Page - Linear Technology LTC3602 Datasheet HTML 13Page - Linear Technology LTC3602 Datasheet HTML 14Page - Linear Technology LTC3602 Datasheet HTML 15Page - Linear Technology LTC3602 Datasheet HTML 16Page - Linear Technology LTC3602 Datasheet HTML 17Page - Linear Technology LTC3602 Datasheet HTML 18Page - Linear Technology LTC3602 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC3633A-2/LTC3633A-3
15
3633a23f
Figure 3. Setting the Output Voltage
Figure 2. Diode-OR Circuit
FB
R2
R1
CF
3633a23 F02
VOUT
SGND
LTC3633A-2
APPLICATIONS INFORMATION
Furthermore, as long as SVIN is powered, the LTC3633A-2/
LTC3633A-3 operates as a step-down regulator with PVIN
voltages as low as 1.5V (subject to minimum off-time
constraints). However, at PVIN voltages less than 3V, in-
ternal on-time calculation errors increase, and controlled
on-time operation is not guaranteed. If this occurs, the
output voltages will remain in regulation, but the switch-
ing frequency of each channel may deviate from the
programmed frequency under these conditions and phase
lock between the two channels may be lost.
Boost Capacitor
The LTC3633A-2 uses a “bootstrap” circuit to create a
voltage rail above the applied input voltage PVIN. Specifi-
cally, a boost capacitor, CBOOST, is charged to a voltage
approximately equal to INTVCC each time the bottom power
MOSFET is turned on. The charge on this capacitor is then
used to supply the required transient current during the
remainder of the switching cycle. When the top MOSFET
is turned on, the BOOST pin voltage will be equal to ap-
proximately PVIN + 3.3V. For most applications, a 0.1μF
ceramic capacitor closely connected between the BOOST
and SW pins will provide adequate performance.
Output Voltage Programming
Each regulator’s output voltage is set by an external resis-
tive divider according to the following equation:
VOUT = 0.6V 1+
R2
R1
⎛
⎝
⎜
⎞
⎠
⎟
The desired output voltage is set by appropriate selection
of resistors R1 and R2 as shown in Figure 3. Choosing
large values for R1 and R2 will result in improved zero-
load efficiency but may lead to undesirable noise coupling
or phase margin reduction due to stray capacitances
at the VFB node. Care should be taken to route the VFB
trace away from any noise source, such as the SW trace.
To improve the frequency response of the main control
loop, a feedforward capacitor, CF , may be used as shown
in Figure 3.
Connecting the VON pin to the output voltage makes the
on-time proportional the output voltage and allows the
internal on-time servo loop to lock the converter’s switching
frequency to the programmed value. If the output voltage
is outside the VON sense range (0.6V – 6V for LTC3633A-2,
1.5V – 12V for LTC3633A-3), the output voltage will stay
in regulation, but the switching frequency may deviate
from the programmed frequency.
Minimum Off-Time/On-Time Considerations
The minimum off-time is the smallest amount of time that
the LTC3633A-2 can turn on the bottom power MOSFET,
trip the current comparator and turn the power MOSFET
back off. This time is typically 45ns. For the controlled
on-time architecture, the minimum off-time limit imposes
a maximum duty cycle of:
DC(MAX) = 1– f • tOFF(MIN) + 2• tDEAD
()
where f is the switching frequency, tDEAD is the nonoverlap
time, or “dead time” (typically 10ns) and tOFF(MIN) is the
minimum off-time. If the maximum duty cycle is surpassed,
due to a dropping input voltage for example, the output
will drop out of regulation. The minimum input voltage to
avoid this dropout condition is:
VIN(MIN) =
VOUT
1− f• tOFF(MIN) + 2• tDEAD
()
SUPPLY1
PVIN1
PVIN2
SVIN
3633a23 F02
SUPPLY2
LTC3633A-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com