Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE8200 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8200
Description  50 Ohm SMA Male To SMA Female DC to 18 GHz Adjustable Phase Trimmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8200 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8200 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8200 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8200 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Male To SMA Female DC to 18 GHz Adjustable Phase Trimmer
Configuration
Design
Adjustable Phase Trimmer
Phase Adjustment, deg/GHz
9.5
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.5
Mechanical Specifications
Size
Length, in [mm]
2.2 [55.88]
Width/Dia., in [mm]
0.5 [12.7]
.
Connector 1
Type
SMA Male
Dielectric Type
TFE
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Stainless Steel, Gold
Outer Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
50 Ohm SMA Male To SMA Female DC to
18 GHz Adjustable Phase Trimmer
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Male To SMA Female DC to 18 GHz Adjustable Phase Trimmer PE8200
PE8200
PE8200 REV


Similar Part No. - PE8200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8202 PASTERNACK-PE8202 Datasheet
203Kb / 3P
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
More results

Similar Description - PE8200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8202 PASTERNACK-PE8202 Datasheet
203Kb / 3P
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
logo
List of Unclassifed Man...
5018 ETC2-5018 Datasheet
126Kb / 1P
PHASE ADJUSTABLE ADAPTER SMA FEMALE TO SMA MALE
logo
Pasternack Enterprises,...
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com