Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMF10120D Datasheet(PDF) 5 Page - Cree, Inc

Part # CMF10120D
Description  Silicon Carbide Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMF10120D Datasheet(HTML) 5 Page - Cree, Inc

  CMF10120D Datasheet HTML 1Page - Cree, Inc CMF10120D Datasheet HTML 2Page - Cree, Inc CMF10120D Datasheet HTML 3Page - Cree, Inc CMF10120D Datasheet HTML 4Page - Cree, Inc CMF10120D Datasheet HTML 5Page - Cree, Inc CMF10120D Datasheet HTML 6Page - Cree, Inc CMF10120D Datasheet HTML 7Page - Cree, Inc CMF10120D Datasheet HTML 8Page - Cree, Inc CMF10120D Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CMF10120D Rev. A
Typical Performance
Figure 13A and 13B. Typical Capacitances vs. Drain Voltage at V
GS = 0V and f = 1 MHz
Figure 16. Resistive Switching Times vs.
External R
G at VDD = 400V,
I
D = 10A
Figure 14. Typical C
OSS Stored Energy
1
10
100
1000
10000
0
20
40
60
80
100
120
140
160
180
200
VDS (V)
Ciss
Coss
Crss
1
10
100
1000
10000
0
100
200
300
400
500
600
700
800
VDS (V)
Ciss
Coss
Crss
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
600
700
800
VDS (V)
0
500
1000
1500
2000
2500
0
1
2
3
4
5
6
7
8
9
10
11
0
0.001
0.002
0.003
0.004
0.005
0.006
Time (sec)
ID
VDS
VGS = 0/20V
VDD = 50V
L = 20 mH
EAS = 1.2 J
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
External Gate Resistor (Ω)
tD(on)v
tfv
trv
tD(off)v
VGS = 0/20V
VDD = 400V
RL = 40 Ω
ID = 10 A
TA = 25oC
Figure 15. Typical Unclamped Inductive Switching
Waveforms Showing Avalanche Capability
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
External Gate Resistor (Ω)
tD(on)v
tfv
trv
tD(off)v
VGS = 0/20V
VDD =800V
RL = 80 Ω
ID = 10 A
TA = 25oC
Figure 17. Resistive Switching Times vs.
External R
G at VDD = 800V, ID = 10A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com