Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIW06 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIW06
Description  DC/DC CONVERTER 6W, DIP-24 Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW06 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW06 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW06 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW06 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW06 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIW06 SERIES
DC/DC CONVERTER 6W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/11/21 REV:6
Page 3 of 4
®
Power Derating Curve
(3.3 & 5V Output Models)
(Other Output Models)
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter at 3KVDC isolation, please add a suffix H (e.g. MIW06-12S05H) to order code.
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.7g
Bottom View
2
11
14
16
23
15.24 [0.60]
5.08
[0.20]
3
9
22
4.5
[0.18]
31.8 [1.25]
2.54
[0.10]
0.50 [0.02]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com