Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT5231 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT5231
Description  ACT5231 32-Bit Superscaler Microprocessor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5231 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT5231 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aeroflex Circuit Technology
SCD5231 REV 1 12/22/98 Plainview NY (516) 694-6700
4
Sample Ordering Information
Part Number
Screening
Speed (MHz)
Package
ACT-5231PC-133F22C
Commercial Temperature
133
128 Lead PQUAD
ACT-5231PC-150F22T
Military Temperature
150
128 Lead PQUAD
ACT-5231PC-200F22M
Military Screening
200
128 Lead PQUAD
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Specifications subject to change without notice.
CIRCUIT TEC HNOL OGY
Part Number Breakdown
ACT– 5231 PC – 200 F22 M
Aeroflex Circuit
Technology
Base Processor Type
133 = 150MHz
150 = 150MHz
200 = 200MHz
Cache Style
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
PC = Primary Cache
Maximum Pipeline Freq.
Surface Mount Package
F22 = 1.10" SQ 128 Lead PQUAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com