Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE4413 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4413
Description  SMA FEMALE CRIMP ATTACHMENT FOR RG58
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4413 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4413 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE4413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44130 PASTERNACK-PE44130 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results

Similar Description - PE4413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44195 PASTERNACK-PE44195 Datasheet
86Kb / 1P
SMA REVERSE THREAD FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4857 PASTERNACK-PE4857 Datasheet
86Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4208 PASTERNACK-PE4208 Datasheet
83Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4577 PASTERNACK-PE4577 Datasheet
303Kb / 1P
SMA MALE CRIMP ATTACHMENT FOR RG58
PE44183 PASTERNACK-PE44183 Datasheet
83Kb / 1P
REVERSE THREAD SMA MALE, CRIMP ATTACHMENT FOR RG58
PE44287 PASTERNACK-PE44287 Datasheet
107Kb / 1P
7/16 FEMALE, CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com