Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE44110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44110
Description  MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44110 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
MHV Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.575 [40.01]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
MHV Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62 PE44110
PE44110
PE44110 REV
MHV Female Bulkhead Connector Crimp/
Solder Attachment For RG59, RG62


Similar Part No. - PE44110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE44111 PASTERNACK-PE44111 Datasheet
91Kb / 1P
MHV FEMALE, BULKHEAD, CLAMP ATTACHMENT FOR RG174, RG188 & RG316
PE44112 PASTERNACK-PE44112 Datasheet
282Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11 RG225, RG393, .718 inch Hole Spacing
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
More results

Similar Description - PE44110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE44109 PASTERNACK-PE44109 Datasheet
236Kb / 2P
MHV Female Bulkhead Connector Clamp/ Solder Attachment For RG59, RG62
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4739 PASTERNACK-PE4739 Datasheet
252Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE4181 PASTERNACK-PE4181 Datasheet
882Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG59, RG62
PE4326 PASTERNACK-PE4326 Datasheet
215Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com