Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1417G5 Datasheet(PDF) 10 Page - Agere Systems

Part # 1417G5
Description  NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1417G5 Datasheet(HTML) 10 Page - Agere Systems

Back Button 1417G5 Datasheet HTML 4Page - Agere Systems 1417G5 Datasheet HTML 5Page - Agere Systems 1417G5 Datasheet HTML 6Page - Agere Systems 1417G5 Datasheet HTML 7Page - Agere Systems 1417G5 Datasheet HTML 8Page - Agere Systems 1417G5 Datasheet HTML 9Page - Agere Systems 1417G5 Datasheet HTML 10Page - Agere Systems 1417G5 Datasheet HTML 11Page - Agere Systems 1417G5 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NetLight 1417G5 and 1417H5-Type
Data Sheet
ATM/SONET/SDH Transceivers with Clock Recovery
January 2000
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
NetLight is a registered trademark of Agere Systems Inc.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
January 2000
DS00-100OPTO (Replaces DS99-227LWP)
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@agere.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA:
Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon
Tel. (852) 3129-2000, FAX (852) 3129-2020
CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen)
JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei)
EUROPE:
Tel. (44) 7000 624624, FAX (44) 1344 488 045
Laser Safety Information
Class I Laser Product
FDA/CDRH Class I laser product. All versions of the transceiver are Class I laser products per CDRH, 21 CFR
1040 Laser Safety requirements. All versions are Class I laser products per
IEC ® 60825-1:1993. The transceiver
has been certified with the FDA under accession number 8720009.
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
This product complies with 21 CFR 1040.10 and 1040.11.
Wavelength = 1.3
µm
Maximum power = 0.2 mW
Because of size constraints, laser safety labeling (Including an FDA Class IIIb label) is not affixed to the module but
is attached to the outside of the shipping carton.
Product is not shipped with power supply.
NOTICE
Unterminated optical connectors may emit laser radiation.
Do not view with optical instruments.
Ordering Information
Table 4. Ordering Information
EIA is a registered trademark of Electronic Industries Association.
Telcordia Technologies is a trademark of Telcordia Technologies Inc.
IEC is a registered trademark of The International Electrotechnical Commission.
ISO is a registered trademark of The International Organization for Standardization.
Description
Device Code
Comcode
2 x 10 Single-mode Transceiver for OC-3 /STM-1 (155 Mbits/s)
with Clock Recovery
1417G5A
108416678
2 x 10 Single-mode Transceiver for OC-12 /STM-4 (622 Mbits/s)
with Clock Recovery
1417H5A
108416686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com