Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2417G4A Datasheet(PDF) 2 Page - Agere Systems

Part # 2417G4A
Description  NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2417G4A Datasheet(HTML) 2 Page - Agere Systems

  2417G4A Datasheet HTML 1Page - Agere Systems 2417G4A Datasheet HTML 2Page - Agere Systems 2417G4A Datasheet HTML 3Page - Agere Systems 2417G4A Datasheet HTML 4Page - Agere Systems 2417G4A Datasheet HTML 5Page - Agere Systems 2417G4A Datasheet HTML 6Page - Agere Systems 2417G4A Datasheet HTML 7Page - Agere Systems 2417G4A Datasheet HTML 8Page - Agere Systems 2417G4A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NetLight 2417G4A and 2417H4A
Data Sheet, Rev. 1
ATM/SONET/SDH Transceivers
August 2001
2
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Pin Information
Figure 1. 2417G4A and 2714H4A Transceivers, 10-Pin Configuration, Top View
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
03.6
V
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
250/10
°C/s
Operating Wavelength Range
λ
1.1
1.6
µm
Table 1. Transceiver Pin Descriptions
Pin
Number
Symbol
Name/Description
Logic Family
Receiver
MS
MS
Mounting Studs. The mounting studs are provided for transceiver
mechanical attachment to the circuit board. They may also provide an
optional connection of the transceiver to the equipment chassis
ground.
NA
1VEER
Receiver Signal Ground.
NA
2VCCR
Receiver Power Supply.
NA
3SD
Signal Detect.
Normal operation: logic one output.
Fault condition: logic zero output.
LVTTL
(2417H4A);
LVPECL
(2417G4A)
4RD–
Received DATA Out.
LVPECL
5RD+
Received DATA Out.
LVPECL
Transmitter
6VCCT
Transmitter Power Supply.
NA
7VEET
Transmitter Signal Ground.
NA
8TDIS
Transmitter Disable.
LVTTL
9TD+
Transmitter DATA In.
LVPECL
10
TD–
Transmitter DATA In.
LVPECL
1 234 5
10 98 76
10-PIN MODULE - TOP VIEW
TX
RX
1-967.a



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com