Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP50G60SW-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP50G60SW-HF
Description  High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP50G60SW-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP50G60SW-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP50G60SW-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP50G60SW-HF Datasheet HTML 3Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AP50G60SW-HF
Fig 1. Typical Output Characteristics
Fig 2. Gate Charge Characterisitics
Fig 3. Typical Saturation Voltage
Fig 4. Typical Collector- Emitter Voltage
Characteristics
v.s. Junction Temperature
--
Fig 5. Gate Threshold Voltage
Fig 6. Typical Capacitance Characterisitics
v.s. Junction Temperature
2
0
40
80
120
160
200
240
010
20
30
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
T C =25
o C
1
2
3
4
5
0
40
80
120
160
Junction Temperature (
o C)
I C =50 A
I C =33A
V GE =15 V
0
0.4
0.8
1.2
1.6
-50
0
50
100
150
Junction Temperature (
o C )
0
20
40
60
80
100
02
46
8
V CE , Collector-Emitter Voltage (V)
V GE =15V
T C =25
o C
0
1000
2000
3000
1
5
9
13
17
21
25
29
33
V CE , Collector-Emitter Voltage (V)
f=1.0MHz
C ies
C oes
C res
T C =150
o C
0
4
8
12
16
0
102030
405060
Q G , Gate Charge (nC)
I C =33A
V CC =250V
V CC =300V
V CC =400V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com