Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPWW8F0E Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SPWW8F0E
Description  Industry Standard SMT package Low thermal resistance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPWW8F0E Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SPWW8F0E Datasheet HTML 7Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 8Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 9Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 10Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 11Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 12Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 13Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 14Page - Seoul Semiconductor SPWW8F0E Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Rev. 0.00
Rev. 0.00
March 2011.
March 2011.
www.Acrich.com
www.Acrich.com
서식번호 : SSC- QP- 7- 07- 24 (Rev.00)
109
100
U2
118
109
U3
100
91
U1
91
80
T2
Max.
Min.
Bin
Code
Luminous Flux (lm)
@ IF = 300mA
Bin Code
Forward Voltage (V)
@ IF = 300mA
Luminous Flux (lm)
@ IF = 300mA
Color Chromaticity Coordinate
@ IF = 300mA
Available ranks
3.75
3.50
J
3.50
3.25
I
3.25
3.0
H
Max.
Min.
Bin
Code
Forward Voltage (V)
@ IF = 300mA
Max.
Min.
Bin
Code
Ref. 10 pages
Color Chromaticity Coordinate
@ IF = 300mA
6. Binning Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com