Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE4841 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4841
Description  D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4841 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4841 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4841 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.885 [22.48]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4841
URL:
http://www.pasternack.com/d-sub-receptacle-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe4841-p.aspx
PE4841
PE4841 REV
D-Sub Receptacle Contact Solder Attachment For
PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE4841

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4840 PASTERNACK-PE4840 Datasheet
258Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4842 PASTERNACK-PE4842 Datasheet
96Kb / 1P
PASTERNACK ENTERPRISES
PE4843 PASTERNACK-PE4843 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4844 PASTERNACK-PE4844 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4845 PASTERNACK-PE4845 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4841

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4846 PASTERNACK-PE4846 Datasheet
256Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44034 PASTERNACK-PE44034 Datasheet
835Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44039 PASTERNACK-PE44039 Datasheet
830Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com