Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LG1600FXH Datasheet(PDF) 10 Page - Agere Systems

Part # LG1600FXH
Description  LG1600FXH Clock and Data Regenerator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1600FXH Datasheet(HTML) 10 Page - Agere Systems

Back Button LG1600FXH Datasheet HTML 6Page - Agere Systems LG1600FXH Datasheet HTML 7Page - Agere Systems LG1600FXH Datasheet HTML 8Page - Agere Systems LG1600FXH Datasheet HTML 9Page - Agere Systems LG1600FXH Datasheet HTML 10Page - Agere Systems LG1600FXH Datasheet HTML 11Page - Agere Systems LG1600FXH Datasheet HTML 12Page - Agere Systems LG1600FXH Datasheet HTML 13Page - Agere Systems LG1600FXH Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
LG1600FXH Clock and Data Regenerator
August 1999
10
Lucent Technologies Inc.
Test Circuit
12-3234(F)r.6
Notes:
Resistor RX determines the PLL bandwidth and is required for normal operation. The LG1600FXH differs in this respect from the LG1600AXD
CDR, which has an internal resistor that sets a minimum bandwidth. The recommended value is 140
Ω for optimal jitter transfer performance.
Capacitor CX is optional and can be used to increase the damping of the PLL in critical applications.
The outputs may be either ac coupled, as indicated, or dc terminated into 50
Ω. In the first case, good output return loss can be obtained. The
latter configuration provides a 0 mV to –800 mV output swing for easy interface to dc-coupled circuits.
Figure 10. LG1600FXH Typical Test Circuit
500 k
+
VCO
Q
D
V+CLKO
V–CLKO
31
26
D
FREQ. &
PHASE
DETECT.
90°
LOOP CONTROL &
SIGNAL DETECT
11
14
9
7
VREF
CEXT
REXT
LOS
V–TH
51
V–FB
48
55
60
65
V–IN
V+IN
V+FB
0.047
µF
0.047
µF
0.047
µF
0.047
µF
1 k
50
25 k
50
25 k
1 k
43
38
V+OUT
V–OUT
35
0.047
µF
50
50
DATA
GENERATOR
OPTIONAL
THRESHOLD
CONTROL
ALTERNATIVE
50
50
OPTIONAL
Ca > 0.1
µF/fB
VSS
5.2 V
+
OPTIONAL
Cb > 100 pF/fB
50
50
CX
OPTIONAL
(SEE TEXT)
RX = 140
REQUIRED
0.047
µF
10 k
VDD
5 V
+
VLOS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com