Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LG1600KXH Datasheet(PDF) 5 Page - Agere Systems

Part # LG1600KXH
Description  LG1600KXH Clock and Data Regenerator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1600KXH Datasheet(HTML) 5 Page - Agere Systems

  LG1600KXH Datasheet HTML 1Page - Agere Systems LG1600KXH Datasheet HTML 2Page - Agere Systems LG1600KXH Datasheet HTML 3Page - Agere Systems LG1600KXH Datasheet HTML 4Page - Agere Systems LG1600KXH Datasheet HTML 5Page - Agere Systems LG1600KXH Datasheet HTML 6Page - Agere Systems LG1600KXH Datasheet HTML 7Page - Agere Systems LG1600KXH Datasheet HTML 8Page - Agere Systems LG1600KXH Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
June 1999
LG1600KXH Clock and Data Regenerator
5
Lucent Technologies Inc.
Theory of Operation (continued)
A more useful expression of the PLL characteristics is
the following*:
The jitter transfer is now directly expressed in the phys-
ical loop gain pole product,
ωb, and the loop filter time
constant,
τ. Damping ratio, ς, and natural frequency, ωn,
simply relate to these two parameters as follows:
and
* Wolaver, D.H.,
Phase-Locked Loop Circuit Design, Prentice Hall,
1991.
Hs
()
ωb 1
1
s
τ
-----
+


s
ωb 1
1
s
τ
-----
+


+
-------------------------------------
=
ςωbτ
0.5
=
ωn
ωn τ
=
For moderate damping,
ς > 2.5 (ωbτ < 0.1), the –3 dB
bandwidth of the PLL can be approximated by the loop
gain pole product:
JBW
≈ ωb = KdRxKo
while the jitter peaking can be expressed in terms of
the product of PLL bandwidth and loop filter time con-
stant:
As the last two expressions make clear, the PLL band-
width is controlled by the value of the external resistor
(see Figure 8), while the peaking depends both on the
resistor value (quadratically) and total loop filter capac-
itance.
Hs
() max 1
1
ωbτ
---------
+
1
1
Rx
2
CKdKo
-------------------------
+
=
12-3231(F)r.3—12-3232(F)r.3
Figure 8. Jitter Bandwidth vs. External Resistor Value
0
50
100
200
250
0.0
0.2
0.6
0.8
1.0
1.2
Rx (
Ω)
0.4
150
A. LG1600KXH0622 (Cx = 0.15
µF)
10
°C
70
°C
25
°C
0
50
100
200
250
0.0
0.6
1.8
2.4
3.0
3.6
Rx (
Ω)
1.2
150
B. LG1600KXH2488 (Cx = 0)
10
°C
25
°C
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com