Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD5338R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5338R
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5338R Datasheet HTML 17Page - Analog Devices AD5338R Datasheet HTML 18Page - Analog Devices AD5338R Datasheet HTML 19Page - Analog Devices AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices AD5338R Datasheet HTML 22Page - Analog Devices AD5338R Datasheet HTML 23Page - Analog Devices AD5338R Datasheet HTML 24Page - Analog Devices AD5338R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5338R
Rev. 0 | Page 21 of 28
POWER-DOWN OPERATION
The AD5338R contains three separate power-down modes.
Command 0100 is designated for the power-down function (see
Table 7). These power-down modes are software programmable
by setting eight bits, Bit DB7 to Bit DB0, in the shift register. There
are two bits associated with each DAC channel. Table 10 shows
how the state of the two bits corresponds to the mode of
operation of the device.
Table 10. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
Either or both DACs (DAC A and DAC B) can be powered
down to the selected mode by setting the corresponding bits. See
Table 11 for the contents of the input shift register during the
power-down/ power-up operation.
When both Bit PDx1 and Bit PDx0 (where x is the channel
selected) in the input shift register are set to 0, the part works
normally with its normal power consumption of 4 mA at 5 V.
However, for the three power-down modes, the supply current
falls to 4 µA at 5 V. Not only does the supply current fall, but also
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different power-
down options. The output is connected internally to GND through
either a 1 kΩ or a 100 kΩ resistor, or it is left open-circuited
(three-state). The output stage is illustrated in Figure 46.
Figure 46. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC register
are unaffected when in power-down. The DAC register can be
updated while the device is in power-down mode. The time
required to exit power-down is typically 4.5 µs for VDD = 5 V.
To reduce the current consumption further, the on-chip reference
can be powered off. See the Internal Reference Setup section.
Table 11. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation1
DB23
(MSB)
DB22
DB21
DB20
DB19 to DB16
DB15 to DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDB1
PDB0
1
1
1
1
PDA1
PDA0
Command bits (C3 to C0)
Address bits,
don’t care
Power-Down,
select DAC B
Power-Down,
select DAC A
1
X = don’t care.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com