Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH1002CBY-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1002CBY-TR
Description  Automotive high efficiency ultrafast diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CBY-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1002CBY-TR Datasheet HTML 1Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 2Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 3Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 4Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 5Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 6Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 7Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 8Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH1002C-Y
2/9
Doc ID 17536 Rev 2
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
Δ T
j (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.73 x IF(AV) + 0.032 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS) Forward rms current
D2PAK
20
A
DPAK
10
IF(AV)
Avarage forward current
δ = 0.5
Tc = 155 °C Per diode
5
A
Tc = 150 °C Per device
10
Tc = 135 °C Per diode
8
Tc = 125 °C Per device
16
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-40 to + 175
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
Per diode
4.0
°C/W
Per device
2.5
Rth(j-c)
Coupling
1.0
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25 °C
VR = VRRM
5
µA
Tj = 125 °C
3
40
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25 °C
IF = 5 A
1.1
V
Tj = 25 °C
IF = 10 A
1.25
Tj = 150 °C
IF = 5 A
0.78
0.89
Tj = 150 °C
IF = 10 A
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com