Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74ACT652SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT652SC
Description  Transceiver/Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT652SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT652SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT652SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Functional Description
In the transceiver mode, data present at the HIGH imped-
ance port may be stored in either the A or B register or
both.
The select (SAB, SBA) controls can multiplex stored and
real-time.
The examples in Figure 1 demonstrate the four fundamen-
tal bus-management functions that can be performed with
the Octal bus transceivers and receivers.
Data on the A or B data bus, or both can be stored in the
internal D-type flip-flop by LOW to HIGH transitions at the
appropriate Clock Inputs (CPAB, CPBA) regardless of the
Select or Output Enable Inputs. When SAB and SBA are in
the real time transfer mode, it is also possible to store data
without using the internal D-type flip-flops by simulta-
neously enabling OEAB and OEBA. In this configuration
each Output reinforces its Input. Thus when all other data
sources to the two sets of bus lines are in a HIGH imped-
ance state, each set of bus lines will remain at its last state.
FIGURE 1.
Note A: Real-Time
Note B: Real-Time
Transfer Bus B to Bus A
Transfer Bus A to Bus B
OEAB
OEBA
CPAB
CPBA
SAB
SBA
OEAB
OEBA
CPAB
CPBA
SAB
SBA
L
L
XXX
L
H
H
X
X
L
X
Note C: Storage
Note D: Transfer Storage
Data to A or B
OEAB
OEBA
CPAB
CPBA
SAB
SBA
OEAB
OEBA
CPAB
CPBA
SAB
SBA
XH

X
X
X
H
L
H or L
H or L
H
H
LX
X

XX
LH

XX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com