Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X00619 Datasheet(PDF) 5 Page - STMicroelectronics

Part # X00619
Description  0.8 A sensitive gate SCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00619 Datasheet(HTML) 5 Page - STMicroelectronics

  X00619 Datasheet HTML 1Page - STMicroelectronics X00619 Datasheet HTML 2Page - STMicroelectronics X00619 Datasheet HTML 3Page - STMicroelectronics X00619 Datasheet HTML 4Page - STMicroelectronics X00619 Datasheet HTML 5Page - STMicroelectronics X00619 Datasheet HTML 6Page - STMicroelectronics X00619 Datasheet HTML 7Page - STMicroelectronics X00619 Datasheet HTML 8Page - STMicroelectronics X00619 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
X00619
Characteristics
Doc ID 15755 Rev 2
5/10
Figure 13.
Thermal resistance junction to ambient versus copper surface under tab (SOT-223)
Figure 11.
Non repetitive surge peak on state
current for a sinusoidal pulse and
corresponding value of I2T
Figure 12.
On-state characteristics (maximum
values)
I
(A), I t (A s)
TSM
22
0
1
10
100
0.01
0.10
1.00
10.00
ITSM
I²t
Tj initial=25 °C
t(ms)
p
I
(A)
TM
0.1
1.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
Tj max
Vto =0.85 V
Rd =245 mΩ
TJ=125 C
TJ=25 C
V
(V)
TM
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Epoxy printed circuit board FR4
copper thickness = 35 µm
S(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com