Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1083 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJA1083
Description  FlexRay node transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1083 Datasheet(HTML) 4 Page - NXP Semiconductors

  TJA1083 Datasheet HTML 1Page - NXP Semiconductors TJA1083 Datasheet HTML 2Page - NXP Semiconductors TJA1083 Datasheet HTML 3Page - NXP Semiconductors TJA1083 Datasheet HTML 4Page - NXP Semiconductors TJA1083 Datasheet HTML 5Page - NXP Semiconductors TJA1083 Datasheet HTML 6Page - NXP Semiconductors TJA1083 Datasheet HTML 7Page - NXP Semiconductors TJA1083 Datasheet HTML 8Page - NXP Semiconductors TJA1083 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TJA1083
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 10 October 2012
4 of 41
NXP Semiconductors
TJA1083
FlexRay node transceiver
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
6.1 Power modes
The TJA1083 features three power modes: Normal, Standby and Power-off. Normal and
Standby modes can be selected via the STBN input (HIGH for Normal mode) once the
transceiver has been powered up. See Table 3 for a detailed description of pin signaling in
the three power modes.
Fig 2.
Pin configuration
TJA1083TT
VIO
VCC
TXD
BP
TXEN
BM
RXD
GND
BGE
ERRN
STBN
SCSN
SCLK
SDO
015aaa134
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 2.
Pin description
Symbol Pin
Type
Description
VIO
1
P
supply voltage for VIO voltage level adaptation
TXD
2
I
transmit data input; internal pull-down
TXEN
3
I
transmitter enable input; when HIGH transmitter disabled; internal
pull-up
RXD
4
O
receive data output
BGE
5
I
bus guardian enable input; when LOW transmitter disabled; internal
pull-down
STBN
6
I
mode control input; transceiver in Normal mode when HIGH;
internal pull-down
SCLK
7
I
SPI clock signal; internal pull-up
SDO
8
O
SPI data output
SCSN
9
I
SPI chip select input; internal pull-up/pull-down
ERRN
10
O
error diagnosis output and wake-up indication
GND
11
P
ground
BM
12
I/O
bus line minus
BP
13
I/O
bus line plus
VCC
14
P
supply voltage (+5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com