Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE4446B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4446B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4446B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4446B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4446B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE4446B uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a kelvin connection to the source, which may be used to bypass the source inductance.
Features
V
DS(V)=30V
I
D=15A (VGS=10V)
R
DS(ON)<8.5mΩ (VGS=10V)
R
DS(ON)<13mΩ (VGS=4.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous) *AC
TA=25
OC
ID
15
A
TA=70
OC
12
Drain Current (Pulse) *B
IDM
50
Power Dissipation
TA=25
OC
PD
3.5
W
TA=70
OC
2
Operating and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Packaging Type
DFN3*3-8L


Similar Part No. - ACE4446B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4440B ACE-ACE4440B Datasheet
823Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4441B ACE-ACE4441B Datasheet
930Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4442B ACE-ACE4442B Datasheet
946Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4443B ACE-ACE4443B Datasheet
749Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4444B ACE-ACE4444B Datasheet
669Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE4446B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com