Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT711E Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT711E
Description  ultra thin, plastic moulded package with a maximum height of 1.4 mm.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT711E Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT711E Datasheet HTML 1Page - Advanced Crystal Technology ACT711E Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standard Reel Quantity 3000
Fig 1).
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT711E TAPE & REELING SPECIFICATION
Tel :
0044 (0)118 979 1238
http://www.actcrystals.com
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Pad Plating Material Sn orSnBi
Direction
A
B
W
ABCD
of feed
Left
Reel
Tape
Tape & Reel Dimensions (mm)
Ø330
Ø80 or 100
17.5
8
9.25
16
1.7
Issue: 1E2
Date: 05-08-2010
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com